Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2001 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAN2001
Description  1A High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN2001 Datasheet(HTML) 4 Page - ON Semiconductor

  FAN2001 Datasheet HTML 1Page - ON Semiconductor FAN2001 Datasheet HTML 2Page - ON Semiconductor FAN2001 Datasheet HTML 3Page - ON Semiconductor FAN2001 Datasheet HTML 4Page - ON Semiconductor FAN2001 Datasheet HTML 5Page - ON Semiconductor FAN2001 Datasheet HTML 6Page - ON Semiconductor FAN2001 Datasheet HTML 7Page - ON Semiconductor FAN2001 Datasheet HTML 8Page - ON Semiconductor FAN2001 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
www.fairchildsemi.com
FAN2001/FAN2002 Rev. 1.0.2
Absolute Maximum Ratings (Note1)
Recommended Operating Conditions
Notes:
1. Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability. Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are referenced to AGND.
2. Junction to ambient thermal resistance,
θJA, is a strong function of PCB material, board thickness, thickness and number of copper planes, number of
via used, diameter of via used, available copper surface, and attached heat sink characteristics.
3. Using Mil Std. 883E, method 3015.7(Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
4. Refer to the applications section for further details.
Parameter
Min
Max
Unit
VIN, PVIN
-0.3
7
V
Voltage On Any Other Pin
-0.3
VIN
V
Lead Soldering Temperature (10 seconds)
260
°C
Junction Temperature
150
°C
Storage Temperature
-65
150
°C
Thermal Resistance-Junction to Tab (
θJC), 3x3mm 6-lead MLP (Note 2)
8
°C/W
Electrostatic Discharge Protection (ESD) Level (Note 3)
HBM
4
kV
CDM
1
Parameter
Min
Typ
Max
Unit
Supply Voltage Range
2.5
5.5
V
Output Voltage Range, Adjustable Version
0.8
VIN
V
Output Current
1A
Inductor (Note 4)
3.3
µH
Input Capacitor (Note 4)
10
µF
Output Capacitor (Note 4)
2 x 10
µF
Operating Ambient Temperature Range
-40
+85
°C
Operating Junction Temperature Range
-40
+125
°C


Similar Part No. - FAN2001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
149Kb / 3P
   PCB Grounding System and High Performance DC-DC Converters
logo
ON Semiconductor
FAN2001 ONSEMI-FAN2001 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN2001MPX FAIRCHILD-FAN2001MPX Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
ON Semiconductor
FAN2001MPX ONSEMI-FAN2001MPX Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
More results

Similar Description - FAN2001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
ON Semiconductor
FAN2002 ONSEMI-FAN2002 Datasheet
451Kb / 13P
   1A High-Efficiency Step-Down DC-DC Converter
April 2005 Rev. 1.0.2
logo
ams AG
AS1382 AMSCO-AS1382 Datasheet
636Kb / 20P
   1A, High Efficiency, DC-DC Step Down Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com