Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

uClamp0511Z.TFT Datasheet(PDF) 5 Page - Semtech Corporation

Part # uClamp0511Z.TFT
Description  1 Line, 5V ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

uClamp0511Z.TFT Datasheet(HTML) 5 Page - Semtech Corporation

  uClamp0511Z.TFT Datasheet HTML 1Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 2Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 3Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 4Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 5Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 6Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 7Page - Semtech Corporation uClamp0511Z.TFT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
μClamp0511Z
Final Datasheet
Rev 5.0
Revision Date
8/30/2016
www.semtech.com
5 of 8
Semtech
Outline Drawing - SLP0603P2X3
Land Pattern - SLP0603P2X3
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
aaa
N
E
L
e
DIM
A
0.180
0.355
0.140
0.285
0.08
2
0.160
0.32
0.355 BSC
MILLIMETERS
MAX
0.24
0.265
DIMENSIONS
MIN
0.20
NOM
0.235
0.22
0.250
BOTTOM VIEW
b
D
0.585
0.655
0.62
bbb
0.10
D
E
A
B
aaa C
C
A
SEATING
PLANE
e
bbb
C A B
TOP VIEW
A1 0.000 0.02 0.025
bxN
A1
e/2
2X L
R0.025
TYP
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
2.
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
1.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DIM
Y
G
C
MILLIMETERS
(0.425)
0.675
0.250
0.175
DIMENSIONS
Z
X
0.270
Y
Z
X
G
(C)


Similar Part No. - uClamp0511Z.TFT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0511P SEMTECH-UCLAMP0511P Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0511P.TCT SEMTECH-UCLAMP0511P.TCT Datasheet
173Kb / 7P
   關ClampTM 1-Line ESD protection
UCLAMP0511PQ SEMTECH-UCLAMP0511PQ Datasheet
601Kb / 8P
   關Clamp 1-Line ESD protection
UCLAMP0511PQ SEMTECH-UCLAMP0511PQ_16 Datasheet
461Kb / 8P
   1-Line ESD Protection
UCLAMP0511T SEMTECH-UCLAMP0511T Datasheet
140Kb / 7P
   Low Profile 關ClampTM 1-Line ESD protection
More results

Similar Description - uClamp0511Z.TFT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0501Z SEMTECH-UCLAMP0501Z Datasheet
484Kb / 6P
   1-Line, 5V ESD Protection
UCLAMP5011ZA SEMTECH-UCLAMP5011ZA_V01 Datasheet
601Kb / 8P
   1-Line, 5V ESD Protection
RCLAMP0551P SEMTECH-RCLAMP0551P Datasheet
434Kb / 7P
   Ultra-Low Capacitance 1-Line, 5V ESD protection
RCLAMP5011ZA SEMTECH-RCLAMP5011ZA Datasheet
660Kb / 6P
   Ultra Small RClamp짰 1-Line, 5V ESD Protection
UCLAMP5011ZA SEMTECH-UCLAMP5011ZA Datasheet
592Kb / 7P
   Ultra Small 關Clamp짰 1-Line, 5V ESD Protection
RCLAMP0521PA SEMTECH-RCLAMP0521PA Datasheet
332Kb / 6P
   1-Line ESD Protection
UCLAMP0511PQ SEMTECH-UCLAMP0511PQ_16 Datasheet
461Kb / 8P
   1-Line ESD Protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z_15 Datasheet
301Kb / 8P
   1-Line ESD protection
RCLAMP1851ZA SEMTECH-RCLAMP1851ZA_16 Datasheet
572Kb / 8P
   1-Line, 18V ESD Protection
RCLAMP0561Z SEMTECH-RCLAMP0561Z Datasheet
1Mb / 10P
   1-Line, 120fF ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com