Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APBA3010SEKCGKC-GX Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APBA3010SEKCGKC-GX
Description  3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBA3010SEKCGKC-GX Datasheet(HTML) 2 Page - Kingbright Corporation

  APBA3010SEKCGKC-GX Datasheet HTML 1Page - Kingbright Corporation APBA3010SEKCGKC-GX Datasheet HTML 2Page - Kingbright Corporation APBA3010SEKCGKC-GX Datasheet HTML 3Page - Kingbright Corporation APBA3010SEKCGKC-GX Datasheet HTML 4Page - Kingbright Corporation APBA3010SEKCGKC-GX Datasheet HTML 5Page - Kingbright Corporation APBA3010SEKCGKC-GX Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAO7613
REV NO: V.1A
DATE: MAR/31/2016
PAGE: 2 OF 6
APPROVED: Wynec
CHECKED: Allen Liu
DRAWN: M.Liu
ERP: 1203002648
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Part No.
Emitting Color (Material)
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APBA3010SEKCGKC-GX
Super Bright Orange (AlGaInP)
Water Clear
120
320
140
°
*80
*150
40
70
*
40
*
70
Green (AlGaInP)
Symbol
Parameter
Emitting Color
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Orange
Green
610
574
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Orange
Green
601
570
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Orange
Green
29
20
nm
IF=20mA
C
Capacitance
Super Bright Orange
Green
15
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Orange
Green
2.1
2.1
2.5
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Orange
Green
10
10
uA
VR = 5V
Parameter
Super Bright Orange
Green
Units
Power dissipation
75
75
mW
DC Forward Current
30
30
mA
Peak Forward Current [1]
195
150
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous Flux: +/-15%.
* Luminous intensity value is traceable to CIE127-2007 standards.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or
premature failure.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static
electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.


Similar Part No. - APBA3010SEKCGKC-GX

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APBA3010SEKCGKC-GX TO-GRACE-APBA3010SEKCGKC-GX Datasheet
931Kb / 4P
   3.0 mm x 1.0 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - APBA3010SEKCGKC-GX

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3010ESGC-GX KINGBRIGHT-APBA3010ESGC-GX Datasheet
259Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SURCK-GX KINGBRIGHT-APA3010SURCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010YSGC-F01 KINGBRIGHT-APBA3010YSGC-F01 Datasheet
327Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SURKCGKC-F01 KINGBRIGHT-APBA3010SURKCGKC-F01 Datasheet
343Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010SECK KINGBRIGHT-APPA3010SECK Datasheet
314Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SURKSGC KINGBRIGHT-APBA3010SURKSGC Datasheet
374Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SYKCGKC-F01 KINGBRIGHT-APBA3010SYKCGKC-F01 Datasheet
327Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010ZGCK KINGBRIGHT-APPA3010ZGCK Datasheet
312Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010EYC-GX KINGBRIGHT-APBA3010EYC-GX Datasheet
274Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010ESGC KINGBRIGHT-APBA3010ESGC Datasheet
221Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com