Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X4645S8I-2.7 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X4645S8I-2.7
Description  CPU Supervisor with 64K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4645S8I-2.7 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X4645S8I-2.7 Datasheet HTML 4Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 5Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 6Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 7Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 8Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 9Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 10Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 11Page - Xicor Inc. X4645S8I-2.7 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
X4643/5 – Preliminary Information
Characteristics subject to change without notice.
8 of 22
REV 1.26 4/30/02
www.xicor.com
Serial Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The device continuously monitors the SDA and
SCL lines for the start condition and will not respond to
any command until this condition has been met. See
Figure 6.
Serial Stop Condition
All communications must be terminated by a stop condi-
tion, which is a LOW to HIGH transition of SDA when
SCL is HIGH. The stop condition is also used to place
the device into the Standby power mode after a read
sequence. A stop condition can only be issued after the
transmitting device has released the bus. See Figure 6.
Figure 6. Valid Start and Stop Conditions
SCL
SDA
Start
Stop
Serial Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting
eight bits. During the ninth clock cycle, the receiver will
pull the SDA line LOW to acknowledge that it received
the eight bits of data. Refer to Figure 7.
The device will respond with an acknowledge after rec-
ognition of a start condition and if the correct Device
Identifier and Select bits are contained in the Slave
Address Byte. If a write operation is selected, the
device will respond with an acknowledge after the
receipt of each subsequent eight bit word. The device
will acknowledge all incoming data and address bytes,
except for the Slave Address Byte when the Device
Identifier and/or Select bits are incorrect.
In the read mode, the device will transmit eight bits of
data, release the SDA line, then monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the device
will continue to transmit data. The device will terminate
further data transmissions if an acknowledge is not
detected. The master must then issue a stop condition
to return the device to Standby mode and place the
device into a known state.
Figure 7. Acknowledge Response From Receiver
Data Output
from Transmitter
Data Output
from Receiver
8
1
9
Start
Acknowledge
SCL from
Master


Similar Part No. - X4645S8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4645S8I-2.7 INTERSIL-X4645S8I-2.7 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4645S8I-2.7 RENESAS-X4645S8I-2.7 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4645S8I-2.7A INTERSIL-X4645S8I-2.7A Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4645S8I-2.7A RENESAS-X4645S8I-2.7A Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X4645S8I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Xicor Inc.
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com