Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLJ54A-Q Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMLJ54A-Q
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMLJ54A-Q Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMLJ54A-Q Datasheet HTML 1Page - Bourns Electronic Solutions SMLJ54A-Q Datasheet HTML 2Page - Bourns Electronic Solutions SMLJ54A-Q Datasheet HTML 3Page - Bourns Electronic Solutions SMLJ54A-Q Datasheet HTML 4Page - Bourns Electronic Solutions SMLJ54A-Q Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SMLJ-QTransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Notes:
1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part
Number
Part
Marking
Part
Number
Part
Marking Min. Max. @ IT (mA)
VRWM
(Volts)
IR (μA) VRSM (Volts) IRSM (Amps)
SMLJ12A-Q
HEEQ
SMLJ12CA-Q
IEEQ
13.3
14.7
1
12
2
19.9
150.60
SMLJ13A-Q
HEGQ
SMLJ13CA-Q
IEGQ
14.4
15.9
1
13
2
21.5
139.40
SMLJ14A-Q
HEKQ
SMLJ14CA-Q
IEKQ
15.6
17.2
1
14
2
23.2
129.40
SMLJ15A-Q
HEMQ
SMLJ15CA-Q
IEMQ
16.7
18.5
1
15
2
24.4
123.00
SMLJ16A-Q
HEPQ
SMLJ16CA-Q
IEPQ
17.8
19.7
1
16
2
26.0
115.40
SMLJ17A-Q
HERQ
SMLJ17CA-Q
IERQ
18.9
20.9
1
17
2
27.6
106.60
SMLJ18A-Q
HETQ
SMLJ18CA-Q
IETQ
20.0
22.1
1
18
2
29.2
102.80
SMLJ20A-Q
HEVQ
SMLJ20CA-Q
IEVQ
22.2
24.5
1
20
2
32.4
92.60
SMLJ22A-Q
HEXQ
SMLJ22CA-Q
IEXQ
24.4
26.9
1
22
2
35.5
84.40
SMLJ24A-Q
HEZQ
SMLJ24CA-Q
IEZQ
26.7
29.5
1
24
2
38.9
77.20
SMLJ26A-Q
HFEQ
SMLJ26CA-Q
IFEQ
28.9
31.9
1
26
2
42.1
71.20
SMLJ28A-Q
HFGQ
SMLJ28CA-Q
IFGQ
31.1
34.4
1
28
2
45.4
66.00
SMLJ30A-Q
HFKQ
SMLJ30CA-Q
IFKQ
33.3
36.8
1
30
2
48.4
62.00
SMLJ33A-Q
HFMQ
SMLJ33CA-Q
IFMQ
36.7
40.6
1
33
2
53.3
56.20
SMLJ36A-Q
HFPQ
SMLJ36CA-Q
IFPQ
40.0
44.2
1
36
2
58.1
51.60
SMLJ40A-Q
HFRQ
SMLJ40CA-Q
IFRQ
44.4
49.1
1
40
2
64.5
46.40
SMLJ43A-Q
HFTQ
SMLJ43CA-Q
IFTQ
47.8
52.8
1
43
2
69.4
43.20
SMLJ45A-Q
HFVQ
SMLJ45CA-Q
IFVQ
50.0
55.3
1
45
2
72.7
41.20
SMLJ48A-Q
HFXQ
SMLJ48CA-Q
IFXQ
53.3
58.9
1
48
2
77.4
38.80
SMLJ51A-Q
HFZQ
SMLJ51CA-Q
IFZQ
56.7
62.7
1
51
2
82.4
36.40
SMLJ54A-Q
HGEQ
SMLJ54CA-Q
IGEQ
60.0
66.3
1
54
2
87.1
34.40
SMLJ58A-Q
HGGQ SMLJ58CA-Q
IGGQ
64.4
71.2
1
58
2
93.6
32.00


Similar Part No. - SMLJ54A-Q

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMLJ54A MCC-SMLJ54A Datasheet
428Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
logo
Microsemi Corporation
SMLJ54A MICROSEMI-SMLJ54A Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
Bourns Electronic Solut...
SMLJ54A BOURNS-SMLJ54A Datasheet
205Kb / 5P
   SMLJ Transient Voltage Suppressor Diode Series
logo
List of Unclassifed Man...
SMLJ54A ETC2-SMLJ54A Datasheet
385Kb / 4P
   Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMLJ54A MDE-SMLJ54A Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
More results

Similar Description - SMLJ54A-Q

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com