Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR3818A-101M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRR3818A-101M
Description  Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR3818A-101M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRR3818A-101M Datasheet HTML 1Page - Bourns Electronic Solutions SRR3818A-101M Datasheet HTML 2Page - Bourns Electronic Solutions SRR3818A-101M Datasheet HTML 3Page - Bourns Electronic Solutions SRR3818A-101M Datasheet HTML 4Page - Bourns Electronic Solutions SRR3818A-101M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRF0504Series-LineFilter
Inductance vs. IDC (Continued)
SRR3818ASeries-ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.5
1.0
1.5
2.0
2.5
SRR3818A-1R0Y
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.5
1.0
1.5
2.0
SRR3818A-1R5Y
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.5
1.0
1.5
2.0
SRR3818A-2R2M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.4
0.8
1.2
1.6
SRR3818A-2R7M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.3
0.6
0.9
1.2
1.5
SRR3818A-3R3M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.3
0.6
0.9
1.2
SRR3818A-3R9M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.3
0.6
0.9
1.2
SRR3818A-4R7M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.2
0.4
0.6
0.8
1.0
SRR3818A-6R8M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.2
0.4
0.6
0.8
SRR3818A-100M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0.0
0.1
0.2
0.3
0.4
0.5
0.6
SRR3818A-150M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.1
0.2
0.3
0.4
0.5
SRR3818A-220M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.1
0.2
0.3
0.4
SRR3818A-330M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.1
0.2
0.3
0.4
SRR3818A-470M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.1
0.2
0.3
SRR3818A-680M
IDC (A)
60%
80%
100%
120%
0%
20%
40%
0
0.1
0.1
0.3
0.2
0.3
SRR3818A-101M
Temperature vs. IDC
IDC (A)
36
48
60
0
12
24
01
23
45
SRR3818A-1R0Y
IDC (A)
30
40
50
0
10
20
01
23
4
SRR3818A-1R5Y
IDC (A)
30
40
50
0
10
20
0
0.6
1.2
1.8
2.4
3.0
SRR3818A-2R2M
IDC (A)
30
40
50
0
10
20
0
0.6
1.2
1.8
2.4
3.0
SRR3818A-2R7M
IDC (A)
30
40
50
0
10
20
0
0.5
1.0
1.5
2.0
2.5
SRR3818A-3R3M
IDC (A)
30
40
50
0
10
20
0
0.5
1.0
1.5
2.0
2.5
SRR3818A-3R9M
IDC (A)
30
40
50
0
10
20
0
0.45
0.90
1.35
1.80
2.25
SRR3818A-4R7M
IDC (A)
36
48
60
0
12
24
0
0.5
1.0
1.5
2.0
SRR3818A-6R8M
IDC (A)
30
40
50
0
10
20
0
0.4
0.8
1.2
1.6
SRR3818A-100M
IDC (A)
30
40
50
0
10
20
0
0.3
0.6
0.9
1.2
SRR3818A-150M
IDC (A)
30
40
50
0
10
20
0
0.2
0.4
0.6
0.8
1.0
SRR3818A-220M
IDC (A)
30
40
50
0
10
20
0
0.4
0.4
0.6
0.8
SRR3818A-330M
IDC (A)
30
40
50
0
10
20
0.0
0.1
0.2
0.3 0.4 0.5
0.6
0.7
SRR3818A-470M
IDC (A)
36
48
60
0
12
24
0.0
0.1
0.2
0.3
0.4
0.5
0.6
SRR3818A-680M
IDC (A)
30
40
50
0
10
20
0
0.1
0.2
0.3
0.4
SRR3818A-101M


Similar Part No. - SRR3818A-101M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR3011 BOURNS-SRR3011 Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR3011 BOURNS-SRR3011 Datasheet
86Kb / 2P
   Shielded SMD Power Inductors
SRR3011-100YL BOURNS-SRR3011-100YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR3011-100YL BOURNS-SRR3011-100YL Datasheet
86Kb / 2P
   Shielded SMD Power Inductors
SRR3011-101YL BOURNS-SRR3011-101YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR3818A-101M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com