Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR3818A-470M Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SRR3818A-470M
Description  Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR3818A-470M Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SRR3818A-470M Datasheet HTML 1Page - Bourns Electronic Solutions SRR3818A-470M Datasheet HTML 2Page - Bourns Electronic Solutions SRR3818A-470M Datasheet HTML 3Page - Bourns Electronic Solutions SRR3818A-470M Datasheet HTML 4Page - Bourns Electronic Solutions SRR3818A-470M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
14.0+0
(.551+0)
16.5
(.650)
2.0±0.5
(.079±.020)
50.0-0
(1.969-0)
178
(7.001)DIA.
DIA.
13.0
(.512)
13.0
(.512)
DIA.
21.0±0.8
(.827±.031)
12.0
(.472)
Components
200m/m min.
Leader
no component
Trailer
400m/m min.
no component
START
END
2.0
(.079)
8.0
(.315)
USER DIRECTION OF FEED
100
100
100
100
Components
200m/m min.
Leader
no component
Trailer
400m/m min.
no component
START
END
2.0
(.079)
8.0
(.315)
USER DIRECTION OF FEED
100
100
100
100
08/17
SRF0504Series-LineFilter
SRR3818ASeries-ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Soldering Profile
200
Max. Peak Temperature -5
30 sec. max.
Max. Time Above 217
: 60~150 sec. max.
Peak Temperature 260
max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 260 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
200
Max. Peak Temperature -5
30 sec. max.
Max. Time Above 217
: 60~150 sec. max.
Peak Temperature 260
max.
250
150
200
100
50
0
100
50
150
Time (Seconds)
+4.0 °C/Sec. Max.
150~200 °C / 60~120 Sec.
+3.0 °C/Sec. Max.
-(1.0~5.0) °C/Sec. Max.
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced
Cooling Area
250
Peak Temperature: 260 °C
217 °C
60~120 Sec.
60 Sec.
Max.
60~150 Sec.
QTY:1000PCS.PERREEL


Similar Part No. - SRR3818A-470M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR3011 BOURNS-SRR3011 Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR3011 BOURNS-SRR3011 Datasheet
86Kb / 2P
   Shielded SMD Power Inductors
SRR3011-100YL BOURNS-SRR3011-100YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
SRR3011-100YL BOURNS-SRR3011-100YL Datasheet
86Kb / 2P
   Shielded SMD Power Inductors
SRR3011-101YL BOURNS-SRR3011-101YL Datasheet
244Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR3818A-470M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com