Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFX6000 Datasheet(PDF) 8 Page - SMSC Corporation

Part # UFX6000
Description  USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

UFX6000 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button UFX6000 Datasheet HTML 4Page - SMSC Corporation UFX6000 Datasheet HTML 5Page - SMSC Corporation UFX6000 Datasheet HTML 6Page - SMSC Corporation UFX6000 Datasheet HTML 7Page - SMSC Corporation UFX6000 Datasheet HTML 8Page - SMSC Corporation UFX6000 Datasheet HTML 9Page - SMSC Corporation UFX6000 Datasheet HTML 10Page - SMSC Corporation UFX6000 Datasheet HTML 11Page - SMSC Corporation UFX6000 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
USB 2.0 Hi-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
Datasheet
Revision 1.4 (06-24-13)
8
SMSC UFX6000
DATASHEET
Chapter 2 Pin Description and Configuration
Figure 2.1 Pin Assignments (TOP VIEW)
nDDRDQS0
DDRDQ5
DDRDQ0
VDD18DDR
VDD18DDR
DDRDQ3
nDDRWE
DDRA10
DDRA3
DDRA9
DDRCK
nDDRCAS
DDRA2
VDD18DDR
VSS
DDRFIFOWE_OUT
DDRDQ7
DDRDQ12
DDRDQS0
DDRDM0
VDD18DDR
DDRDQ4
DDRCKE
DDRBA0
DDRA7
DDRA12
nDDRCK
nDDRCS
DDRA6
DDRA4
TX2P
DDRVREF0
DDRDQ11
DDRDQ9
DDRDQ2
DDRDQ6
DDRDQ1
DDRVREF2
DDRBA1
DDRA1
DDRA5
nDDRRAS
VDD18DDR
DDRA0
DDRODT
DDRA11
DDRA8
TX2N
DDRDQS1
DDRDM1
DDRDQ14
DDRDQ8
DDRDQ15
VDD18DDR
DDRDQ10
DDRVREF1
nDDRDQS1
TX1N
VSS
TEST1
DDRDQ13
VSSHDMI
NC
TEST2
VSS
NC
VSS
NC
I2CSDA0
I2CSCL1/
GPIO28
NC
USBDM
VBUS_DET
I2CSDA1/
GPIO27
NC
HPD
USBDP
USBRBIAS
VDATAB3/
VD4/GPIO19
VDD33USB
VDATAB2/
VD5/GPIO18
XI
VDD12USBPLL
NC
SYSPLLG
VDATAB6/
VD1/GPIO22
VDATAB5/
VD2/GPIO21
VDATAB1/
VD6/GPIO17
XO
SYSPLLP
VSYNC
VDATAG5/
VD8/GPIO13
VDATAG1/
VD10/GPIO9
EEDI
VDATAB7/
VD0/GPIO23
VCLK
VDATAR6/
GPIO6
VDATAB0/
GPIO16
VDD18DDR
VSS
TEST3
NC
I2CSCL0
AUDIO_DIS/
GPIO30
VDATAB4/
VD3/GPIO20
VDD18DDR
VDD18DDR
VDD18DDR
VDD18DDR
VDD18DDR
VDD18DDR
TX0N
TXCN
nVDACR
nVDACG
nVDACB
SPDIF/
I2SDATA/
GPIO26
EECLK
DDRFIFOWE_IN
VSS
EXTSWING
EEDO
VDATAR2/
VD15/GPIO2
nTRST
TMS
NC
LED/
I2SCLKALT1/
GPIO24
TX1P
HSYNC
nBLANK
nVCLK
VDATAG6/
VD7/GPIO14
VDATAG2/
GPIO10
VDATAR7/
VD12/GPIO7
VDATAR3/
VD14/GPIO3
VDATAR0/
I2SCLKALT0/
GPIO0
TCK
VDD12CORE
VSS
VDD12CORE
VSS
VDD12CORE
VDD18DDR
VSSHDMI
nEXTRST
nSW_MODE
nRESET
NC
EECS
MCLK/
GPIO25
VDACB
VDACG
VDACR
TXCP
TX0P
VDD12HDMI
VDD12HDMI
VDD18DDR
VDD12CORE
VSS
VSS
VDD12CORE
VSS
VDD12CORE
VDD33IO
VDD33IO
VDD12CORE
VSS
VSS
VSS
VDD33IO
VDATAG3/
GPIO11
VDATAR1/
GPIO1
WS/GPIO29
VDD33VDAC
VDD12HDMI
VSSHDMI
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD12CORE
IREF
VSS
VSS
VSS
VSS
VSSVDAC
VDD33VDAC
VSS
VSS
VSS
VSS
VDD33VDAC
VDAC_HSYNC
VSS
VSS
VSS
VSS
VDACREF
VDD33IO
VSS
VDD12CORE
VSS
VDD12CORE
VDD33IO
TDI
VDD33IO
VDATAG4/
VD9/GPIO12
VDD33IO
VDATAR5/
GPIO5
VDD33IO
TDO
VDATAG7/
GPIO15
VDATAG0/
VD11/GPIO8
VDATAR4/
VD13/GPIO4
VSS
VDD12CORE
VSSVDAC
VDAC_VSYNC
INT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
B
C
D
E
F
G
H
J
K
L
M
N
P
R
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
SMSC
UFX6000
225-LFBGA
TOP VIEW


Similar Part No. - UFX6000

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
UFX7000 SMSC-UFX7000 Datasheet
804Kb / 53P
   USB 3.0 Super-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
logo
MMD Components
UFXXAA1 MMD-UFXXAA1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
UFXXAA3 MMD-UFXXAA3 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
UFXXAB1 MMD-UFXXAB1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
UFXXAB3 MMD-UFXXAB3 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
More results

Similar Description - UFX6000

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
UFX7000 SMSC-UFX7000 Datasheet
804Kb / 53P
   USB 3.0 Super-Speed Graphics Controller with VGA, HDMI/DVI, and Digital RGB Interfaces
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
LAN89530 MICROCHIP-LAN89530 Datasheet
1Mb / 218P
   Integrated USB 2.0 Hi-Speed Device Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com