Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR4828A Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # SRR4828A
Description  Shielded Power Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR4828A Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  SRR4828A Datasheet HTML 1Page - Bourns Electronic Solutions SRR4828A Datasheet HTML 2Page - Bourns Electronic Solutions SRR4828A Datasheet HTML 3Page - Bourns Electronic Solutions SRR4828A Datasheet HTML 4Page - Bourns Electronic Solutions SRR4828A Datasheet HTML 5Page - Bourns Electronic Solutions SRR4828A Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SRF0504Series-LineFilter
Temperature vs. IDC
SRR4828ASeries-ShieldedPowerInductors
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
IDC (A)
30
40
50
60
70
0
10
20
01
23
45
67
SRR4828A-1R2Y
IDC (A)
01
23
45
6
SRR4828A-1R8Y
30
40
50
60
0
10
20
IDC (A)
01
23
45
SRR4828A-2R7Y
30
40
50
60
0
10
20
IDC (A)
01
23
4
SRR4828A-3R9Y
30
40
50
0
10
20
IDC (A)
01
23
4
SRR4828A-4R7Y
30
40
50
60
70
0
10
20
IDC (A)
0
0.7
1.4
2.1
2.8
3.5
SRR4828A-6R8Y
30
40
50
60
70
0
10
20
IDC (A)
0
0.7
1.4
2.1
2.8
3.5
SRR4828A-8R2Y
40
60
80
0
20
IDC (A)
0
0.6
1.2
1.8
2.4
3.0
SRR4828A-100M
24
36
48
60
0
12
IDC (A)
0
0.5
1.0
1.5
2.0
2.5
SRR4828A-120M
24
36
48
60
0
12
IDC (A)
0
0.5
1.0
1.5
2.0
2.5
SRR4828A-150M
28
42
56
70
0
14
IDC (A)
0
0.5
1.0
1.5
2.0
SRR4828A-180M
20
30
40
50
0
10
IDC (A)
0
0.5
1.0
1.5
2.0
SRR4828A-220M
24
36
48
60
0
12
IDC (A)
0
0.25 0.50 0.75 1.00 1.25 1.50 1.75
SRR4828A-330M
24
36
48
60
0
12
IDC (A)
0
0.25 0.50 0.75 1.00 1.25 1.50
SRR4828A-470M
20
30
40
50
0
10
IDC (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
SRR4828A-560M
20
30
40
50
0
10
IDC (A)
0
0.2 0.4 0.6
0.8 1.0
1.2 1.4
SRR4828A-680M
28
42
56
70
0
14
IDC (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
SRR4828A-820M
24
36
48
60
0
12
IDC (A)
0
0.2
0.4
0.6
0.8
1.0
SRR4828A-101M
28
42
56
70
0
14
IDC (A)
0
0.15 0.30 0.45 0.60 0.75 0.90
SRR4828A-121M
28
42
56
70
0
14
IDC (A)
0
0.15 0.30 0.45 0.60 0.75 0.90
SRR4828A-151M
SRR4828A-181M
28
42
56
70
0
14
IDC (A)
0
0.1 0.2
0.3 0.4 0.5
0.6 0.7
40
60
80
0
20
IDC (A)
0
0.14
0.28
0.42
0.56
0.70
SRR4828A-221M
24
36
48
60
0
12


Similar Part No. - SRR4828A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR4818A BOURNS-SRR4818A Datasheet
480Kb / 5P
   Shielded Power Inductors
SRR4818A-100M BOURNS-SRR4818A-100M Datasheet
480Kb / 5P
   Shielded Power Inductors
SRR4818A-120M BOURNS-SRR4818A-120M Datasheet
480Kb / 5P
   Shielded Power Inductors
SRR4818A-150M BOURNS-SRR4818A-150M Datasheet
480Kb / 5P
   Shielded Power Inductors
SRR4818A-180M BOURNS-SRR4818A-180M Datasheet
480Kb / 5P
   Shielded Power Inductors
More results

Similar Description - SRR4828A

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com