Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ18A-Q Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SMCJ18A-Q
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMCJ18A-Q Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SMCJ18A-Q Datasheet HTML 1Page - Bourns Electronic Solutions SMCJ18A-Q Datasheet HTML 2Page - Bourns Electronic Solutions SMCJ18A-Q Datasheet HTML 3Page - Bourns Electronic Solutions SMCJ18A-Q Datasheet HTML 4Page - Bourns Electronic Solutions SMCJ18A-Q Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
6.5
1.0
0.5
1.5
2.0
3.0
2.5
3.5
4.0
5.0
4.5
5.5
6.0
0.0
050
25
75
100
150
125
TL-LeadTemperature(°C)
180
200
120
140
160
100
60
80
20
40
0
1
10
100
NumberofCyclesat60Hz
PulseWidth8.3ms
SingleHalfSine-Wave
100000
10
1
1
10
100
1000
VBR-ReverseBreakdownVoltage(V)
1000
100
10
0.1
1
0.1µs
1.0µs
10µs
10ms
Td,PulseWidth(Seconds)
100µs
1.0ms
100
1000
10000
TJ=25°C
f=1.0MHz
Vsig=50mVp-p
Unidirectional
@VR
Bidirectional
@VR
Bidirectional
v-0v
Unidirectional
v-0v
100
50
0
0
1.0
2.0
3.0
4.0
T,Time(ms)
TA=25°C
TP
TR=10µs
Halfvalue= IRSM
2
Peakvalue(IRSM)
Pulsewidth(TP)
isdefinedasthatpoint
wherethepeakcurrent
decaysto50%ofIPSM.
10x1000waveform
asdefinedbyR.E.A.
8.0x8.0mm
0.31x0.31inch
CopperPadAreas
TA=25°C
Non-repetitive
PulseWaveform
ShowninPulseWaveformGraph
100
75
50
25
0
050
25
75
100
150
125
AmbientTemperature( °C)
10x1000WaveformasDefined
byR.E.A.
SMCJ-QTransientVoltageSuppressorDiodeSeries
Performance Graphs
Peak Pulse Power Derating Curve
Maximum Non-Repetitive Surge Current
Pulse Waveform
Typical Junction Capacitance
Pulse Rating Curve
Steady State Power Derating Curve
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.


Similar Part No. - SMCJ18A-Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ18A-13-F DIODES-SMCJ18A-13-F Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
UN Semiconducctor INC
SMCJ18A-AT UNSEMI-SMCJ18A-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
SEMTECH ELECTRONICS LTD...
SMCJ18A-CA SEMTECH_ELEC-SMCJ18A-CA Datasheet
416Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMCJ18A-E3 VISHAY-SMCJ18A-E3 Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMCJ18A-E31T VISHAY-SMCJ18A-E31T Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
More results

Similar Description - SMCJ18A-Q

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com