Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ13A-Q Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SMBJ13A-Q
Description  Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SMBJ13A-Q Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SMBJ13A-Q Datasheet HTML 1Page - Bourns Electronic Solutions SMBJ13A-Q Datasheet HTML 2Page - Bourns Electronic Solutions SMBJ13A-Q Datasheet HTML 3Page - Bourns Electronic Solutions SMBJ13A-Q Datasheet HTML 4Page - Bourns Electronic Solutions SMBJ13A-Q Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
SMBJ-QTransientVoltageSuppressorDiodeSeries
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Unidirectional Device
Bidirectional Device
Breakdown Voltage
VBR (Volts)
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage
@ VRWM
Maximum
Reverse
Voltage
@ IRSM
Maximum
Reverse
Surge
Current
Part No.
Marking
Part No.
Marking Min. Max. @ IT (mA) VRWM (V)
IR (μA)
VRSM (V)
IRSM (A)
SMBJ12A-Q
LEQ
SMBJ12CA-Q
BEQ
13.3
14.7
1.0
12
1.0
19.9
30.2
SMBJ13A-Q
LGQ
SMBJ13CA-Q
BGQ
14.4
15.9
1.0
13
1.0
21.5
28.0
SMBJ14A-Q
LKQ
SMBJ14CA-Q
BKQ
15.6
17.2
1.0
14
1.0
23.2
25.9
SMBJ15A-Q
LMQ
SMBJ15CA-Q
BMQ
16.7
18.5
1.0
15
1.0
24.4
24.6
SMBJ16A-Q
LPQ
SMBJ16CA-Q
BPQ
17.8
19.7
1.0
16
1.0
26.0
23.1
SMBJ17A-Q
LRQ
SMBJ17CA-Q
BRQ
18.9
20.9
1.0
17
1.0
27.6
21.8
SMBJ18A-Q
LTQ
SMBJ18CA-Q
BTQ
20.0
22.1
1.0
18
1.0
29.2
20.6
SMBJ20A-Q
LVQ
SMBJ20CA-Q
BVQ
22.2
24.5
1.0
20
1.0
32.4
18.6
SMBJ22A-Q
LXQ
SMBJ22CA-Q
BXQ
24.4
26.9
1.0
22
1.0
35.5
16.9
SMBJ24A-Q
LZQ
SMBJ24CA-Q
BZQ
26.7
29.5
1.0
24
1.0
38.9
15.5
SMBJ26A-Q
MEQ
SMBJ26CA-Q
CEQ
28.9
31.9
1.0
26
1.0
42.1
14.3
SMBJ28A-Q
MGQ
SMBJ28CA-Q
CGQ
31.1
34.4
1.0
28
1.0
45.4
13.3
SMBJ30A-Q
MKQ
SMBJ30CA-Q
CKQ
33.3
36.8
1.0
30
1.0
48.4
12.4
SMBJ33A-Q
MMQ
SMBJ33CA-Q
CMQ
36.7
40.6
1.0
33
1.0
53.3
11.3
SMBJ36A-Q
MPQ
SMBJ36CA-Q
CPQ
40.0
44.2
1.0
36
1.0
58.1
10.4
SMBJ40A-Q
MRQ
SMBJ40CA-Q
CRQ
44.4
49.1
1.0
40
1.0
64.5
9.3
SMBJ43A-Q
MTQ
SMBJ43CA-Q
CTQ
47.8
52.8
1.0
43
1.0
69.4
8.7
SMBJ45A-Q
MVQ
SMBJ45CA-Q
CVQ
50.0
55.3
1.0
45
1.0
72.7
8.3
SMBJ48A-Q
MXQ
SMBJ48CA-Q
CXQ
53.3
58.9
1.0
48
1.0
77.4
7.8
SMBJ51A-Q
MZQ
SMBJ51CA-Q
CZQ
56.7
62.7
1.0
51
1.0
82.4
7.3
SMBJ54A-Q
NEQ
SMBJ54CA-Q
DEQ
60.0
66.3
1.0
54
1.0
87.1
6.9
SMBJ58A-Q
NGQ
SMBJ58CA-Q
DGQ
64.4
71.2
1.0
58
1.0
93.6
6.5
Notes: 1. Suffix ‘A’ denotes a 5 % tolerance unidirectional device.
2. Suffix ‘CA’ denotes a 5 % tolerance bidirectional device.


Similar Part No. - SMBJ13A-Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ13A-13-F DIODES-SMBJ13A-13-F Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
UN Semiconducctor INC
SMBJ13A-AT UNSEMI-SMBJ13A-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Yint Electroni...
SMBJ13A-H YINT-SMBJ13A-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
logo
STMicroelectronics
SMBJ13A-TR STMICROELECTRONICS-SMBJ13A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ13A-TR STMICROELECTRONICS-SMBJ13A-TR Datasheet
158Kb / 6P
   TRANSILTM
More results

Similar Description - SMBJ13A-Q

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ-Q BOURNS-SMAJ-Q Datasheet
350Kb / 5P
   Transient Voltage Suppressor Diode Series
5.0SMDJ-Q BOURNS-5.0SMDJ-Q Datasheet
536Kb / 6P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com