Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-1206S400M-2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-1206S400M-2
Description  Slow Blow Multilayer Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206S400M-2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-1206S400M-2 Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206S400M-2 Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206S400M-2 Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206S400M-2 Datasheet HTML 4Page - Bourns Electronic Solutions SF-1206S400M-2 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SF-1206SxxxMSeries-SlowBlowMultilayerSurfaceMountFuses
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Recommended Temperature Profile for Wave Soldering
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
260
150
10 sec. max.
PREHEATING
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s
120 seconds
TIME
Wave soldering is suitable for 1206 size models.
Solder Reflow Recommendations
Profile Feature
Pb-Free Assembly
Preheat / Soak:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150 °C
200 °C
60~120 seconds
Ramp Up Rate (TL to Tp)
3 °C / second max.
Liquidous Temperature (TL)
Time (tL) maintained above TL
217 °C
60~150 seconds
Peak Package Body
Temperature (Tp)
260 °C
Time (tp)* within 5 °C of the
specified classification temperature
(Tc)
30 seconds*
Ramp Down Rate (Tp to TL)
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
*Tolerance for peak profile temperature (Tp) is defined as a
supplier minimum and a user maximum.
TIME
tL
TIME 25 °C TO PEAK
tp
ts
Tsmax
Tsmin
Tp
TL
25
Tc -5 °C
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/s
MAX. RAMP DOWN RATE = 6 °C/s


Similar Part No. - SF-1206S400M-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206S400M-2 BOURNS-SF-1206S400M-2 Datasheet
263Kb / 6P
   SF-1206S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. F 03/21
More results

Similar Description - SF-1206S400M-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402SXXXM BOURNS-SF-0402SXXXM Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
SF-0603SXXXM BOURNS-SF-0603SXXXM Datasheet
552Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
SF0603S BOURNS-SF0603S Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
logo
List of Unclassifed Man...
F0603SB1000V032T ETC2-F0603SB1000V032T Datasheet
109Kb / 4P
   0603 Slow Blow Surface Mount Fuses
F1206SB1000V063T ETC2-F1206SB1000V063T Datasheet
112Kb / 4P
   1206 Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com