Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPA2629LR5H-B Datasheet(PDF) 5 Page - Knowles Electronics

Part # SPA2629LR5H-B
Description  Low Noise Zero-Height SiSonicTM Microphone
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

SPA2629LR5H-B Datasheet(HTML) 5 Page - Knowles Electronics

  SPA2629LR5H-B Datasheet HTML 1Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 2Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 3Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 4Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 5Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 6Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 7Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 8Page - Knowles Electronics SPA2629LR5H-B Datasheet HTML 9Page - Knowles Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Revision: B
2/19/2016
Sheet 5 of 11
©2013 Knowles Electronics
SPA2629LR5H-B
5.
MECHANICAL SPECIFICATIONS
Item
Dimension Tolerance
Length (L)
3.35
±0.10
Width (W)
2.50
±0.10
Height (H)
0.98
±0.10
Acoustic Port (AP)
Ø0.25
±0.05
Pin #
Pin Name
Type
Description
1
VDD
Power
Power Supply
2
OUTPUT
Signal
Output Signal
3
GROUND
Power
Ground
Notes: Pick Area only extends to 0.25 mm of any edge or hole unless otherwise specified.
Dimensions are in millimeters unless otherwise specified.
Tolerance is ±0.15mm unless otherwise specified


Similar Part No. - SPA2629LR5H-B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SPA2003-T-S-A01 RECTRON-SPA2003-T-S-A01 Datasheet
315Kb / 4P
   SILICON RECTIFIER VOLAGE 200 Volts CURRENT 20 Ampere
logo
Superworld Electronics
SPA201610HF1R0M SUPERWORLD-SPA201610HF1R0M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HF1R5M SUPERWORLD-SPA201610HF1R5M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HF2R2M SUPERWORLD-SPA201610HF2R2M Datasheet
293Kb / 7P
   Low Profile Power Inductors
SPA201610HF4R7M SUPERWORLD-SPA201610HF4R7M Datasheet
293Kb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPA2629LR5H-B

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPA2410LR5H-B KNOWLES-SPA2410LR5H-B Datasheet
471Kb / 11P
   Low Noise Zero-Height SiSonicTM Microphone
SPV1840LR5H-B KNOWLES-SPV1840LR5H-B Datasheet
888Kb / 11P
   Zero-Height SiSonicTM Microphone
SPV0840LR5H-B KNOWLES-SPV0840LR5H-B Datasheet
768Kb / 11P
   Zero-Height SiSonicTM Microphone
SPU0410LR5H-QB KNOWLES-SPU0410LR5H-QB Datasheet
907Kb / 11P
   Zero-Height SiSonicTM Microphone
SPK0833LM4H-B KNOWLES-SPK0833LM4H-B Datasheet
789Kb / 13P
   Digital Zero-Height SiSonicTM Microphone
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
   Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SPH1611LR5H-1 KNOWLES-SPH1611LR5H-1 Datasheet
624Kb / 11P
   Precision High SNR Zero-Height SiSonicTM Microphone
SPH0611LR5H-1 KNOWLES-SPH0611LR5H-1 Datasheet
885Kb / 11P
   Precision High SNR Zero-Height SiSonicTM Microphone
SPU0409LE5H-QB KNOWLES-SPU0409LE5H-QB Datasheet
813Kb / 11P
   Zero-Height SiSonicTM Microphone With Enhanced RF Protection
SPM0408LE5H-TB KNOWLES-SPM0408LE5H-TB_13 Datasheet
925Kb / 11P
   Amplified Zero-Height SiSonicTM Microphone With Enhanced RF Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com