Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-1206FP400 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-1206FP400
Description  Fast Acting Precision Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206FP400 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-1206FP400 Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206FP400 Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206FP400 Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206FP400 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-1206FPSeries-FastActingPrecisionSurfaceMountFuses
REV. A 08/17
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
How to Order
SF - 1206 FP 050 - 2
SinglFuse™
Product Designator
SMD Footprint
3216 (EIA 1206) size
Fuse Blow Type
FP = Fast acting precision
Rated Current
050-700 (500 mA - 7.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
Typical Part Marking
Represents total content. Layout may vary.
RATED CURRENT (A)
F = 0.50
K = 0.80
L = 1.00
M = 1.25
P = 1.50
S = 2.00
T = 2.50
3 = 3.00
W = 4.00
Y = 5.00
Z = 7.00
Average Time Current Curves
Minimum I2T V Clear Time Curves
100
0.1
1
10
0.01
0.001
0.1
1
10
CURRENT (A)
100
1.50 A
1.25 A
1.00 A
0.80 A
0.50 A
2.00 A
2.50 A
3.00 A
4.00 A
5.00 A
7.00 A
100
10
1
0.1
0.01
0.001
0.01
0.1
1
CLEARING TIME (S)
5.00 A
4.00 A
3.00 A
2.50 A
2.00 A
1.50 A
1.25 A
1.00 A
0.80 A
0.50 A
7.00 A
100
0.1
1
10
0.01
0.001
0.1
1
10
CURRENT (A)
100
1.50 A
1.25 A
1.00 A
0.80 A
0.50 A
2.00 A
2.50 A
3.00 A
4.00 A
5.00 A
7.00 A
100
10
1
0.1
0.01
0.001
0.01
0.1
1
CLEARING TIME (S)
5.00 A
4.00 A
3.00 A
2.50 A
2.00 A
1.50 A
1.25 A
1.00 A
0.80 A
0.50 A
7.00 A


Similar Part No. - SF-1206FP400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F-M BOURNS-SF-1206F-M Datasheet
537Kb / 5P
   Fast Acting SMD Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-1206F050 BOURNS-SF-1206F050 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
More results

Similar Description - SF-1206FP400

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
   Fast Acting Precision Surface Mount Fuses
SF-0603FP BOURNS-SF-0603FP Datasheet
621Kb / 4P
   Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
   Fast Acting Precision Wire Core Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
   Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com