Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603S150M-2 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0603S150M-2
Description  Slow Blow Multilayer Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603S150M-2 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0603S150M-2 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603S150M-2 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603S150M-2 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603S150M-2 Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603S150M-2 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
n
Portablememory
n
LCDmonitors
n
Diskdrives
n
PDAs
n
Digitalcameras
n
MP3players
n
Cellphones
n
Rechargeablebatterypacks
n
Batterychargers
n
Set-topboxes
n
Industrialcontrollers
n
BatteryManagementSystems(BMS)
n
LEDlighting
n
Powertools
SF-0603SxxxMSeries-SlowBlowMultilayerSurfaceMountFuses
Product Dimensions
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Current Rating Thermal Derating Curve
Construction
SinglFuseSF-0603SxxxMSeriesApplications
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
SF - 0603 S 100 M - 2
SinglFuse™
Product Designator
SMD Footprint
0603 = 1608 (EIA 0603) size
Fuse Blow Type
S = Slow blow
Rated Current
050-600 (0.50 A - 6.00 A)
Structure
M = Multilayer
Packaging Type
- 2 = Tape & Reel
105
80
70
60
55
65
75
85
90
95
100
50
-55
-35
-15
5
MAXIMUM OPERATING TEMPERATURE (°C)
25
45
65
85
105
125
RATED CURRENT (A)
C = 0.50
D = 0.75
E = 1.00
G = 1.50
I = 2.00
J = 2.50
E
K = 3.00
L = 3.50
M = 4.00
N = 5.00
O = 6.00
1.00
(.039)
2.20
(.087)
0.80
(.031)
0.80 ± 0.15
(.031 ± .006)
0.80 ± 0.15
(.031 ± .006)
1.6 ± 0.15
(.063 ± .006)
0.80 ± 0.15
(.031 ± .006)
0.36 ± 0.15
(.014 ± .006)
CERAMIC
BODY
FUSE ELEMENT
TERMINATION
MARKING
MASKING LAYER
MASKING LAYER
MARKING
1.00
(.039)
2.20
(.087)
0.80
(.031)
0.80 ± 0.15
(.031 ± .006)
0.80 ± 0.15
(.031 ± .006)
1.6 ± 0.15
(.063 ± .006)
0.80 ± 0.15
(.031 ± .006)
0.36 ± 0.15
(.014 ± .006)
Packaging Quantity
.....................4,000 pieces per 7 inch reel


Similar Part No. - SF-0603S150M-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S150M-2 BOURNS-SF-0603S150M-2 Datasheet
268Kb / 6P
   SF-0603S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
More results

Similar Description - SF-0603S150M-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206SXXXM BOURNS-SF-1206SXXXM Datasheet
436Kb / 5P
   Slow Blow Multilayer Surface Mount Fuses
SF-0402SXXXM BOURNS-SF-0402SXXXM Datasheet
413Kb / 4P
   Slow Blow Multilayer Surface Mount Fuses
SF-1206S050-2 BOURNS-SF-1206S050-2 Datasheet
353Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S050 BOURNS-SF-0603S050 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-1206S BOURNS-SF-1206S Datasheet
415Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0402S BOURNS-SF-0402S Datasheet
366Kb / 4P
   Slow Blow Surface Mount Fuses
SF0603S BOURNS-SF0603S Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S BOURNS-SF-0603S Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
logo
List of Unclassifed Man...
F0603SB1000V032T ETC2-F0603SB1000V032T Datasheet
109Kb / 4P
   0603 Slow Blow Surface Mount Fuses
F1206SB1000V063T ETC2-F1206SB1000V063T Datasheet
112Kb / 4P
   1206 Slow Blow Surface Mount Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com