Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603SP080 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603SP080
Description  Time Lag Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603SP080 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603SP080 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603SP080 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603SP080 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603SP080 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
n
Timelagthinfilmchipfuseforovercurrent
protection
n
1608(EIA0603)miniaturefootprint
n
Surfacemountpackagingforautomated
assembly
n
ULlisted(UL248-14)
n
RoHScompliant*andhalogenfree**
Electrical Characteristics
SF-0603SPSeries-TimeLagSurfaceMountFuses
*** Resistance value measured with less than 10 % of rated current. Tolerance ±25 %.
****Typical I2t value measured at 10x rated current.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity.....................................No fusing....................................................Rated current, 4 hours
Fusing Time..............................................Within 120 seconds....................................200 % of its rated current
Interrupting Ability.....................................No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test.............................................No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm, 1 time, 30 seconds
Resistance to Solder Heat........................±20 %.........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability..............................................95 % coverage minimum ...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise .....................................<75 ° C.......................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat.............................±20 %.........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent...............................No evident damage on protective ..............23 °C ±5 °C of isopropyl alcohol, 90 seconds
coating and marking
Residual Resistance.................................10k ohms or more......................................Measure DC resistance after fusing
Thermal Shock .........................................DR < 10 %..................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
UL File Number .........................................E198545
http://www.ul.com/FollowlinktoOnlineCertificatesDirectory,thenenterULFileNo.E198545,
or click here
Model
Rated Current
(Amps)
Fusing Time
Resistance
(mΩ) Typ.***
Rated Voltage Breaking Capacity
Typical
I2t (A2s) ****
SF-0603SP050
0.50
Open within
1~120 sec.
at 200 %
rated current
264
DC 50 V
DC 50 V
50 A
0.009
SF-0603SP063
0.63
200
DC 32 V
DC 32 V
50 A
0.014
SF-0603SP080
0.80
143
0.023
SF-0603SP100
1.00
83
0.036
SF-0603SP125
1.25
54
0.056
SF-0603SP150
1.50
42
0.081
SF-0603SP160
1.60
40
0.092
SF-0603SP200
2.00
28
0.145
SF-0603SP250
2.50
21.5
0.229
SF-0603SP300
3.00
18
0.332
SF-0603SP315
3.15
16
0.365
SF-0603SP400
4.00
13
0.574
SF-0603SP500
5.00
9.5
0.927
SF-0603SP600
6.00
6
1.860
SinglFuseSF-0603SPSeriesFeatures
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;
(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
“SinglFuse”isatrademarkofBourns,Inc.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Operating Temperature..................................................................................-20 °C to +105 °C
Storage Conditions
Temperature ................................................................................................+5 °C to +35 °C
Humidity...........................................................................................................40 % to 75 %
Shelf Life........................................................................... 2 years from manufacturing date
Moisture Sensitivity Level........................................................................................................1
ESDClassification(HBM)..............................................................................................Class 6
Environmental Characteristics
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com


Similar Part No. - SF-0603SP080

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603SP-M BOURNS-SF-0603SP-M Datasheet
253Kb / 6P
   SF-0603SP-M Series - Time Lag Multilayer Surface Mount Fuses
REV. E 03/21
SF-0603SP100M-2 BOURNS-SF-0603SP100M-2 Datasheet
442Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-0603SP100M-2 BOURNS-SF-0603SP100M-2 Datasheet
253Kb / 6P
   SF-0603SP-M Series - Time Lag Multilayer Surface Mount Fuses
REV. E 03/21
SF-0603SP150M-2 BOURNS-SF-0603SP150M-2 Datasheet
442Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-0603SP150M-2 BOURNS-SF-0603SP150M-2 Datasheet
253Kb / 6P
   SF-0603SP-M Series - Time Lag Multilayer Surface Mount Fuses
REV. E 03/21
More results

Similar Description - SF-0603SP080

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206SP BOURNS-SF-1206SP Datasheet
486Kb / 4P
   Time Lag Surface Mount Fuses
SF-0603SPXXXM BOURNS-SF-0603SPXXXM Datasheet
442Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-1206SPXXXM BOURNS-SF-1206SPXXXM Datasheet
451Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-2410SPXXXW BOURNS-SF-2410SPXXXW Datasheet
497Kb / 5P
   Time Lag Wire Core Surface Mount Fuses
logo
Littelfuse
0443005.DR LITTELFUSE-0443005.DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044301.5DR LITTELFUSE-044301.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443003.DR LITTELFUSE-0443003.DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044302.5DR LITTELFUSE-044302.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044303.5DR LITTELFUSE-044303.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443001.DR LITTELFUSE-0443001.DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com