Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T356E475M035AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T356E475M035AT
Description  T356, Tantalum, MnO2 Tantalum, Commercial Grade, 4.7 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T356E475M035AT Datasheet(HTML) 1 Page - Kemet Corporation

  T356E475M035AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 9/25/2017 - 64faf7a0-630e-4ad4-804a-1423c6d6d283
KEMET Part Number: T356E475M035AT
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 4.7 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing
= 5.08mm
Dimensions
D
5.5mm
H
10.2mm
S
5.08mm +/-0.38mm
LL
4.75mm +/-0.81mm
F
0.5mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Supplier: KEMET
Series: T356
Dielectric: MnO2 Tantalum
Style: Radial
Description: Radial, Solid Tantalum,
Conformal, Dipped
Features: Low Leakage, Reverse Voltage
RoHS: Yes
Termination: Tin
Notes: Longest Lead Is Positive
Specifications
Capacitance: 4.7 uF
Capacitance Tolerance: 20%
Voltage DC: 35 VDC (85C), 28 VDC (125C
Surge), 0.35 V (125C Reverse)
Temperature Range: -55/+125C
Dissipation Factor: 5%
Leakage Current: 1.3 uAmps
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T356E475M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T356E475K035AT KEMET-T356E475K035AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T356, 4.7 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 5.08mm
More results

Similar Description - T356E475M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T356E475K035AT KEMET-T356E475K035AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T356, 4.7 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 5.08mm
T356C475M025AT KEMET-T356C475M025AT Datasheet
76Kb / 1P
   T356, Tantalum, MnO2 Tantalum, Commercial Grade, 4.7 uF, 20%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 5.08mm
T356A104M035AT KEMET-T356A104M035AT Datasheet
76Kb / 1P
   T356, Tantalum, MnO2 Tantalum, Commercial Grade, 0.1 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
T356G106M035AT KEMET-T356G106M035AT Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T356, 10 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
T356F685M035AT KEMET-T356F685M035AT Datasheet
76Kb / 1P
   T356, Tantalum, MnO2 Tantalum, Commercial Grade, 6.8 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
T356A475K010AT KEMET-T356A475K010AT Datasheet
76Kb / 1P
   T356, Tantalum, MnO2 Tantalum, Commercial Grade, 4.7 uF, 10%, 10 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
T356A105M035AT7301 KEMET-T356A105M035AT7301 Datasheet
228Kb / 1P
   T356, Tantalum, MnO2 Tantalum, Commercial Grade, 1 uF, 20%, 35 VDC, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
10/20/2022
T356C475K025AT KEMET-T356C475K025AT Datasheet
76Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T356, 4.7 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 5.08mm
T356K226M035AT KEMET-T356K226M035AT Datasheet
80Kb / 1P
   T356, Tantalum, MnO2 Tantalum, Commercial Grade, 22 uF, 20%, 35 VDC, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
T356A105K035AT KEMET-T356A105K035AT_17 Datasheet
75Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T356, 1 uF, 10%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing =5.08mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com