Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM05-02HTG Datasheet(PDF) 3 Page - Littelfuse

Part # SM05-02HTG
Description  400W TVS Diode Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SM05-02HTG Datasheet(HTML) 3 Page - Littelfuse

  SM05-02HTG Datasheet HTML 1Page - Littelfuse SM05-02HTG Datasheet HTML 2Page - Littelfuse SM05-02HTG Datasheet HTML 3Page - Littelfuse SM05-02HTG Datasheet HTML 4Page - Littelfuse SM05-02HTG Datasheet HTML 5Page - Littelfuse SM05-02HTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TVS Diode Arrays (SPA®Diodes)
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/23/18
7
General Purpose ESD Protection - SM05 through SM36
SM15 Electrical Characteristics (T
OP=25ºC)
SM24 Electrical Characteristics (T
OP=25ºC)
SM36 Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
15.0
V
Reverse Voltage Drop
V
R
I
R=1mA
16.7
V
Leakage Current
I
LEAK
V
R=15V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Pin 1 or Pin 2 to Pin 3
24.0
V
I
PP=10A, tp=8/20µs, Pin 1 or Pin 2 to Pin 3
30.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
0.30
Peak Pulse Current
(8/20µs)1
Ipp
t
p=8/20µs
12.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1MHz
100
pF
C
I/O-I/O
Reverse Bias=0V, f=1MHz
75
pF
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
24.0
V
Reverse Voltage Drop
V
R
I
R=1mA
26.7
V
Leakage Current
I
LEAK
V
R=24V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Pin 1 or Pin 2 to Pin 3
36.0
V
I
PP=5A, tp=8/20µs, Pin 1 or Pin 2 to Pin 3
42.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
0.50
Peak Pulse Current
(8/20µs)1
Ipp
t
p=8/20µs
7.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1MHz
65
pF
C
I/O-I/O
Reverse Bias=0V, f=1MHz
50
pF
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
36.0
V
Reverse Voltage Drop
V
R
I
R=1mA
40.0
V
Leakage Current
I
LEAK
V
R=36V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Pin 1 or Pin 2 to Pin 3
52.0
V
I
PP=4A, tp=8/20µs, Pin 1 or Pin 2 to Pin 3
62.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
0.65
Peak Pulse Current
(8/20µs)1
Ipp
t
p=8/20µs
5.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1MHz
50
pF
C
I/O-I/O
Reverse Bias=0V, f=1MHz
40
pF
Note:
1 Parameter is guaranteed by design and/or component characterization.
2 Transmission Line Pulse (TLP) with 100ns width and 200ps rise time.


Similar Part No. - SM05-02HTG

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SM05-02HTG UMW-SM05-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
More results

Similar Description - SM05-02HTG

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
   TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com