Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC7129R Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7129R
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7129R Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7129R Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7129R Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
VITESSE
SEMICONDUCTOR CORPORATION
Page 4
G52298-0, Rev 4.3
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Fill Word or Primitive Sequence. Any Fill Word or Primitive Sequence will reset the OSSDU counter which
will increment on any 160-bit sequence which is not a Fill Word or Primitive Sequence. If the counter reaches
256, a Fill Word or Primitive Sequence has not occured often enough so OSSDU is asserted until reset again.
SIGDET is just an or’ing of these three state machines resynchronized to the 160-bit interval clock.
If SEL5 is LOW or REFCLK is absent, the signal detect unit is disabled and SIGDET is LOW.
Application Example
Figure 2 shows one loop of an 8-drive JBOD implemented with two VSC712xs per loop. The input from
the connector goes through a repeater in order to clean up the signal prior to the array of disk drives. After all
eight PBCs, the output the to connector is retimed to ensure jitter compliance at the connector.
Figure 2: 8-Drive JBOD
SEL1
RPTR
1
0
I0
O0
I1
O1
I2
O2
I3
O3
I4
O4
SEL4
SEL3
SEL2
MODE=0
SEL0=1
Drive 2
Drive 3
Connector
Drive 8
MODE
SEL0
SEL1
RTMR
1
0
I0
O0
I1
O1
I2
O2
I3
O3
I4
O4
SEL4
SEL3
SEL2
MODE=1
SEL1=1
Drive 5
Drive 6
MODE
SEL0
1
1
0
1
NOT SHOWN: PBC5, SEL5


Similar Part No. - VSC7129R

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7129R

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
logo
Maxim Integrated Produc...
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
   Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
   Fibre Channel Repeater
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
   4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com