Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V585ME09 Datasheet(PDF) 1 Page - Z-Communications, Inc

Part No. V585ME09
Description  VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

V585ME09 Datasheet(HTML) 1 Page - Z-Communications, Inc

  V585ME09 Datasheet HTML 1Page - Z-Communications, Inc V585ME09 Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V585ME09
Satellite Communications
CATV Modems
Test Instrumentation
10
16
7.5±2.5
950 1750
1-20
62
-99
-5
<18
<2
150
50
-40 to 85
-
Oscillation Frequency Range
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.)
Tuning Voltage
Tuning Sensitivity (avg.)
Power Output
Load Impedance
Input Capacitance (max.)
Pushing
Pulling (14 dB Return Loss, Any Phase)
Operating Temperature Range
Package Style
MINI-14S-L
MHz
dBc/Hz
dBc
Vdc
MHz/V
dBm
pF
MHz/V
MHz
°C
Vdc
mA
Supply Voltage (Vcc, nom.)
Supply Current (Icc, typ.)
All specifications are typical unless otherwise noted and subject to change without notice.
PHASE NOISE (1 Hz BW, typical)
© Z-Communications, Inc.
All rights reserved
Page 1
VOLTAGE CONTROLLED OSCILLATOR
FEATURES
APPLICATIONS
PERFORMANCE SPECIFICATIONS
VALUE
UNITS
POWER SUPPLY REQUIREMENTS
APPLICATION NOTES
950 1750
-
MHz
• Frequency Range:
• Tuning Voltage:
1-20 Vdc
- Style Package
MINI-14S-L
A1
Rev
AN-100/1 : Mounting and Grounding of VCOs
AN-102 : Proper Output Loading of VCOs
AN-107 : How to Solder Z-COMM VCOs
NOTES:
9939 Via Pasar • San Diego, CA 92126
TEL (619) 621-2700
FAX (619) 621-2722


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
V42100 Surface Mount Voltage Controlled Oscillator WLAN 2050 - 2150 MHz 1  2  Tyco Electronics
V940ME03 LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V585ME08 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
VC-700 Voltage Controlled Crystal Oscillator 1  2  3  4  5  More Vectron International, Inc
SMV1679A VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V585ME41 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V175ME10 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
V580ME08 VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
CLV0620E LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc
CLV0980E LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR 1  2  Z-Communications, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn