Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POTH507103D350 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # POTH507103D350
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH507103D350 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button POTH507103D350 Datasheet HTML 2Page - Vishay Siliconix POTH507103D350 Datasheet HTML 3Page - Vishay Siliconix POTH507103D350 Datasheet HTML 4Page - Vishay Siliconix POTH507103D350 Datasheet HTML 5Page - Vishay Siliconix POTH507103D350 Datasheet HTML 6Page - Vishay Siliconix POTH507103D350 Datasheet HTML 7Page - Vishay Siliconix POTH507103D350 Datasheet HTML 8Page - Vishay Siliconix POTH507103D350 Datasheet HTML 9Page - Vishay Siliconix POTH507103D350 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
POHR36, POHR44, POTH44, POTH50, POTH76
www.vishay.com
Vishay MCB
Revision: 02-Mar-17
6
Document Number: 32521
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTION 4
OPTION 5
DIMENSIONS in millimeters
View F
25.48 ± 0.25
27 ± 0.5
1.52 ± 0.1
1.52 ± 0.1
1.52 ± 0.1
12 ± 0.5
A-A
2:1
3 x M3
4 min.
Sleeve
4 wires AWG26:
yellow, red, green and black
Length: 300
Slot width:
0.8 ± 0.2
Depth:
1 ± 0.4
Approximate
electrical U/2
Ch 1 á 45°
Wires output
Clockwise
viewed shaft side
4
-
+
120°
± 1°
30° ±
A
A
2
3
1
5 + 10
F
View F
F
Approximate electrical zero
1.6 ± 0.1
1.6 ± 0.1
1.9 + 0.2
- 0.1
1.5
5 ± 0.15
9 min.
Ø 2 H6/q5
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
3 wires: yellow, red, green
Length: 300
26 ± 0.5
12.5 ± 0.5
3 wires: green / black, red / black, yellow / black
Length: 300
20° ± 5°
20° ± 5°
12
-5°
+115°
6
5
34
+45°
+88°
Counterclockwise
viewed shaft side
Counterclockwise
viewed shaft side
-+
Element 2
Element 1


Similar Part No. - POTH507103D350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POTH50 VISHAY-POTH50 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results

Similar Description - POTH507103D350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
PP36 VISHAY-PP36 Datasheet
91Kb / 3P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 25-Jan-18
PP12SR VISHAY-PP12SR Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 25-Jan-18
P22S VISHAY-P22S Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com