Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POTH194103C330B Datasheet(PDF) 11 Page - Vishay Siliconix

Part # POTH194103C330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH194103C330B Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button POTH194103C330B Datasheet HTML 6Page - Vishay Siliconix POTH194103C330B Datasheet HTML 7Page - Vishay Siliconix POTH194103C330B Datasheet HTML 8Page - Vishay Siliconix POTH194103C330B Datasheet HTML 9Page - Vishay Siliconix POTH194103C330B Datasheet HTML 10Page - Vishay Siliconix POTH194103C330B Datasheet HTML 11Page - Vishay Siliconix POTH194103C330B Datasheet HTML 12Page - Vishay Siliconix POTH194103C330B Datasheet HTML 13Page - Vishay Siliconix POTH194103C330B Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
11
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS (on request)
• Other total resistance
• Other tolerances on Rn (see “Electrical Specifications” table or other)
• Other linearities (see “Electrical Specifications” table or other)
• Other theoretical and useful electrical travel: 35° 30’ (POTH22)
• Connectors (center tap)
• Electrical reference: 0.5 U ± 0.1 % U or 0.5 U ± 0.05 % U (POTH27); 0.5 U ± 0.4 % U or 0.5 U ± 0.2 % (POTH19);
0.22 U ± 0.67 % U (POHR27)
• Wire outputs (except H12): length 300 mm or 350 mm, gauge 26 (POTH27)
• Other length of shaft: 9 mm in place of 12.5 mm (POTH27), 6.8 mm in place of 12.55 mm (POHR27)
• Through shaft (except H12): length 0 mm or 12.5 mm (as shown in “Dimensions” POTH27)
• Other mechanical interfaces (shaft, flange, housing)
• Wiper type:
- 5 strands
- 3 lamellas (max. intensity is service = 1 mA, max. intensity accidental = 5 mA)
- 10 strands (max. intensity in service = 5 mA, max. intensity accidental = 6 mA)
• One example of other dimensions
- POTH33 (performances: see POTH27)
- POTH27(22) (performances: see POTH27)
OPTION FOR THE DIMENSIONS in millimeters (design on request)
POTH33
9.4
+ 0.1
0
2.7 ± 0.5
10 ± 0.1
2.3 ± 0.1
Wires output


Similar Part No. - POTH194103C330B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POTH19 VISHAY-POTH19 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results

Similar Description - POTH194103C330B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 14-Oct-16
PP36 VISHAY-PP36_V01 Datasheet
88Kb / 3P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com