Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPHV Datasheet(PDF) 5 Page - Littelfuse

Part # SPHV
Description  200W Discrete Unidirectional TVS Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPHV Datasheet(HTML) 5 Page - Littelfuse

  SPHV Datasheet HTML 1Page - Littelfuse SPHV Datasheet HTML 2Page - Littelfuse SPHV Datasheet HTML 3Page - Littelfuse SPHV Datasheet HTML 4Page - Littelfuse SPHV Datasheet HTML 5Page - Littelfuse SPHV Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/28/16
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SPHV Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SPHV12-01ETG
SOD882
U2
10000
SPHV15-01ETG
U5
SPHV24-01ETG
U4
SPHV36-01ETG
U6
SPHV12-01KTG
SOD882
with
side
exposed
leadframe
U2
10000
SPHV15-01KTG
U5
SPHV24-01KTG
U4
SPHV36-01KTG
U6
Product Characteristics
Lead Plating
Pre-Plated Frame
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Substrate material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.
Part Numbering System
Part Marking System
SPHV** 01
T G
Voltage
Number of
Channels
Package
T= Tape & Reel
G= Green
TVS Diode Arrays
(SPA® Diodes)
E: SOD882
x
K: SOD882 with side
exposed leadframe
U*
2: SPHV12
5: SPHV15
4: SPHV24
6: SPHV36
12


Similar Part No. - SPHV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SPHV12-01ETG LEIDITECH-SPHV12-01ETG Datasheet
1Mb / 4P
   BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
logo
Littelfuse
SPHV12-01ETG-C LITTELFUSE-SPHV12-01ETG-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
SPHV12-01KTG-C LITTELFUSE-SPHV12-01KTG-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
logo
Shanghai Leiditech Elec...
SPHV15-01ETG LEIDITECH-SPHV15-01ETG Datasheet
744Kb / 4P
   BIDIRECTIONAL TVS DIODE
Rev : 01.06.2018
More results

Similar Description - SPHV

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
   200W Discrete Bidirectional TVS Diode
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
   450W Discrete Unidirectional TVS Diode
SP1124T LITTELFUSE-SP1124T Datasheet
2Mb / 5P
   SP1124T Discrete Unidirectional TVS Diode
SD05 LITTELFUSE-SD05 Datasheet
699Kb / 4P
   450W Discrete Unidirectional TVS Diode
logo
Sangdest Microelectroni...
SD72305 SMC-SD72305 Datasheet
154Kb / 5P
   Unidirectional Discrete TVS
logo
Littelfuse
SP11XX LITTELFUSE-SP11XX Datasheet
768Kb / 7P
   SP11xx Series Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc
AQHVXX-01ETG LITTELFUSE-AQHVXX-01ETG Datasheet
874Kb / 6P
   AQHVxx-01ETG series 200W Unidirectional TVS Diode
2018 Littelfuse, Inc.
AQXX LITTELFUSE-AQXX Datasheet
2Mb / 7P
   AQxx Series 450W Discrete Unidirectional TVS Diode
AQ22-01FTG LITTELFUSE-AQ22-01FTG Datasheet
1Mb / 6P
   AQ22-01FTG, 950W Discrete Unidirectional TVS Diode
2020 Littelfuse, Inc.
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
   TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com