Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36SC3R335 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # E36SC3R335
Description  Industry standard footprint and pinout
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E36SC3R335 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button E36SC3R335 Datasheet HTML 4Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 5Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 6Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 7Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 8Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 9Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 10Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 11Page - Delta Electronics, Inc. E36SC3R335 Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DS_E36SC3R335_03282013
8
FEATURES DESCRIPTIONS (CON.)
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(–) to Vo(–) at the module.
The output voltage can be increased by both the
remote sense and the trim; however, the maximum
increase is the larger of either the remote sense or the
trim, not the sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power does not exceed the maximum rated
power.
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
connect an external resistor between the TRIM pin and
either the SENSE(+) or SENSE(-). The TRIM pin
should be left open if this feature is not used.
Figure 16: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
()


=
K
down
Rtrim
2
.
10
511
Ex. When Trim-down -10% (3.3V×0.9=2.97V)
()
()
=


=
K
K
down
Rtrim
9
.
40
2
.
10
10
511
Figure 17: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
()
+
=
K
up
Rtrim
2
.
10
511
1.225
)
(100
Vo
11
.
5
Ex. When Trim-up +10% (3.3V×1.1=3.63V)
()
=
×
+
×
×
=
K
up
Rtrim
12
.
90
2
.
10
10
511
10
225
.
1
)
10
100
(
3
.
3
11
.
5
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - E36SC3R335

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E36SC3R335NKFA DELTA-E36SC3R335NKFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NKFH DELTA-E36SC3R335NKFH Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NMFA DELTA-E36SC3R335NMFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NMFH DELTA-E36SC3R335NMFH Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
E36SC3R335NNFA DELTA-E36SC3R335NNFA Datasheet
587Kb / 15P
   Delphi Series E36SC3R3, Eighth Brick 116W DC/DC Power Modules: 18V~75Vin, 3.3V, 35Aout
More results

Similar Description - E36SC3R335

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
   Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
   Industry standard footprint and pinout
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM12S05 BEL-YM12S05 Datasheet
704Kb / 19P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
V48SH3R325 DELTA-V48SH3R325 Datasheet
756Kb / 13P
   Industry standard footprint and pinout
V48SH05017 DELTA-V48SH05017 Datasheet
798Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM05S05 BEL-YM05S05 Datasheet
728Kb / 19P
   Industry-standard footprint and pinout
logo
Delta Electronics, Inc.
E36SC120 DELTA-E36SC120 Datasheet
881Kb / 16P
   Industry standard footprint and pinout
V48SR05013 DELTA-V48SR05013 Datasheet
957Kb / 14P
   Industry standard footprint and pinout
logo
Bel Fuse Inc.
YNS05S16 BEL-YNS05S16 Datasheet
704Kb / 20P
   Industry-standard footprint and pinout
YNV05T06 BEL-YNV05T06 Datasheet
740Kb / 19P
   Industry-standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com