Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POTH123103B330B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # POTH123103B330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH123103B330B Datasheet(HTML) 1 Page - Vishay Siliconix

  POTH123103B330B Datasheet HTML 1Page - Vishay Siliconix POTH123103B330B Datasheet HTML 2Page - Vishay Siliconix POTH123103B330B Datasheet HTML 3Page - Vishay Siliconix POTH123103B330B Datasheet HTML 4Page - Vishay Siliconix POTH123103B330B Datasheet HTML 5Page - Vishay Siliconix POTH123103B330B Datasheet HTML 6Page - Vishay Siliconix POTH123103B330B Datasheet HTML 7Page - Vishay Siliconix POTH123103B330B Datasheet HTML 8Page - Vishay Siliconix POTH123103B330B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
1
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single-Turn Continuous Rotation Analog Displacement Sensors
DESIGN SUPPORT TOOLS
FEATURES
• Conductive plastic potentiometer technology, infinite
resolution
• Servo mount anodized light alloy housing
• Precious metal contacts
• Stainless steel shaft and bearings
• Applicable standards: NFC 93255, MIL R39023
Note
(1) POTH27, POTH22 on request
Note
(1) POTH27, POTH22 on request
QUICK REFERENCE DATA
Sensor type
ROTATIONAL, conductive plastic
Output type
Output by turrets
Market appliance
Industrial, avionics
Dimensions
1/2" (12.7 mm) to 1 5/16" (33.3 mm)
click logo to get started
Available
Models
ELECTRICAL SPECIFICATIONS
PARAMETER
POTH12
POTH19
POTH22
POTH27
POHR27
POTH33
Theoretical and useful
electrical travel
330° ± 3°
340° ± 3°
340° ± 3°
345° ± 3° (1)
345° ± 3°
350° ± 3°
Theoretical electrical
travel (on request)
See table “Electrical Travel”
Useful electrical travel
(on request)
See table “Electrical Travel”
Standard linearity (

± 1 %
± 1 %
± 0.5 %
± 0.5 %
± 0.5 %
± 1 %
Optional linearity (

± 0.5 %
± 0.5 %, ± 0.4 %,
± 0.25 %, ± 0.1 %
± 0.25 %
± 1 %, ± 0.75 %,
± 0.25 %, ±0.2 %,
± 0.1 %
± 1 %,
± 0.25 %,
± 0.1 %
± 0.5 %,
± 0.25 %,
± 0.1 %
Total resistance range (E3)
4.7 k
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k
4.7 k
 or 10 k 4.7 k or 10 k
Total resistance
(on request)
--
-
500
, 2 k, 5 k,
6.4 k
, 22 k (1)
1 k
, 2.2 k,
5 k
1 k
, 2 k
Tolerance on Rn
± 10 %, ± 5 % optional, ± 20 % optional
Output smoothness
 0.1 % (0.025 % on request)
Power rating at 70 °C
0.5 W
0.8 W
1 W
1 W
1.25 W
1.5 W
Temperature coefficient
-300 ± 300 ppm/°C
Wiper current
< 1 mA
Recommended load
impedance
 100 R
n for a linearity = 1 %,
 1000 R
n for a linearity  0.05 %
Insulation resistance
 10 G at 500 V
DC
Dielectric strength
500 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
750 VRMS,
50 Hz, 1 min
1000 VRMS,
50 Hz, 1 min
ELECTRICAL TRAVEL (on request)
PARAMETER POTH12 POTH19 POTH22
POTH27
POHR27
POTH33
Theoretical
-
340°
337°
35’
-
60° 90° 90° 100° 100° 120°
140°
10’
150° 180° 180° 210° (1)
337°
13’
350°
79°
29’
100° 120°
141°
10’
Useful
-
190°
337°
35’
-
60° 70° 87° 85° 90° 118° 120° 130° 120° 140° 140° (1) 330° 348°
65°
30’
90° 100°
120°


Similar Part No. - POTH123103B330B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POTH12 VISHAY-POTH12 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results

Similar Description - POTH123103B330B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 14-Oct-16
PP36 VISHAY-PP36_V01 Datasheet
88Kb / 3P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com