Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F280040CPMQ Datasheet(PDF) 5 Page - Texas Instruments

Part # F280040CPMQ
Description  Piccolo Microcontrollers
Download  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F280040CPMQ Datasheet(HTML) 5 Page - Texas Instruments

  F280040CPMQ Datasheet HTML 1Page - Texas Instruments F280040CPMQ Datasheet HTML 2Page - Texas Instruments F280040CPMQ Datasheet HTML 3Page - Texas Instruments F280040CPMQ Datasheet HTML 4Page - Texas Instruments F280040CPMQ Datasheet HTML 5Page - Texas Instruments F280040CPMQ Datasheet HTML 6Page - Texas Instruments F280040CPMQ Datasheet HTML 7Page - Texas Instruments F280040CPMQ Datasheet HTML 8Page - Texas Instruments F280040CPMQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 217 page
background image
Global Shared RAM - Parity
32KW (64KB)
C28x
TMU+FPU+VCU-I
M0 - 1KW (2KB)
M1 - 1KW (2KB)
Boot - 64KW (128KB)
Flash - ECC
C28x RAM - ECC
ePIE
CPU Timer0
CPU Timer1
CPU Timer2
10 MHz INTOSC1, INTOSC2
10–20 MHz Crystal Oscillator
Missing Clock Detect
PLL
CLA
(Type 2)
CLA MSG RAM - Parity
DMA
(6 Channels)
3x 12-Bit ADC
8x ePWM
(16 Hi-Res Channels)
7x eCAP
(2 HRCAP Channels)
2x eQEP
(CW/CCW Support)
4x SD Filters
1x I2C
7x CMPSS
2x Buffered DAC
7x PGA
1x PMBUS
2x SPI
LS0–LS7
8x (2KW [4KB])
GS0–GS3
4x (8KW [16KB])
2x SCI
2x CAN
C28x ROM
DCSM OTP
Secure - 32KW (64KB)
Flash BANK0 - 16 Sectors
64KW (128KB)
Flash BANK1 - 16 Sectors
64KW (128KB)
CLA to CPU - 128W
CPU to CLA - 128W
CLA ROM
Local Shared RAM - Parity
16KW (32KB)
PF1
PF3
PF4
PF2
PF9
PF7
Result
Config.
Program
48KW (96KB)
Data
4KW (8KB)
Copyright © 2017, Texas Instruments Incorporated
Config.
Data
1x FSI RX
1x FSI TX
NMI
Watchdog
Windowed
Watchdog
1x LIN
PF8
GPIO
XBAR
5
TMS320F280049, TMS320F280049C
TMS320F280048, TMS320F280048C, TMS320F280045
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
www.ti.com
SPRS945C – JANUARY 2017 – REVISED DECEMBER 2017
Submit Documentation Feedback
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C TMS320F280045
TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C
Device Overview
Copyright © 2017, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the CPU system and associated peripherals.
Figure 1-1. Functional Block Diagram


Similar Part No. - F280040CPMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F280040CPMQ TI1-F280040CPMQ Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
F280040CPMQ TI1-F280040CPMQ Datasheet
2Mb / 218P
[Old version datasheet]   Piccolo Microcontrollers
F280040CPMQ TI1-F280040CPMQ Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280040CPMQR TI1-F280040CPMQR Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
F280040CPMQR TI1-F280040CPMQR Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - F280040CPMQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com