Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3253 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 30Page - STMicroelectronics UPSD3253 Datasheet HTML 31Page - STMicroelectronics UPSD3253 Datasheet HTML 32Page - STMicroelectronics UPSD3253 Datasheet HTML 33Page - STMicroelectronics UPSD3253 Datasheet HTML 34Page - STMicroelectronics UPSD3253 Datasheet HTML 35Page - STMicroelectronics UPSD3253 Datasheet HTML 36Page - STMicroelectronics UPSD3253 Datasheet HTML 37Page - STMicroelectronics UPSD3253 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
µPSD325X DEVICES
34/176
A2
PWM0
00
PWM0
Output Duty
Cycle
A3
PWM1
00
PWM1
Output Duty
Cycle
A4
PWM2
00
PWM2
Output Duty
Cycle
A5
PWM3
00
PWM3
Output Duty
Cycle
A6
WDRST
00
Watch Dog
Reset
A7
IEA
EDDC
ES2
EI2C
EUSB
00
Interrupt
Enable (2nd)
A8
IE
EA
-
ET2
ES
ET1
EX1
ET0
EX0
00
Interrupt
Enable
A9
AA
PWM4P
00
PWM 4
Period
AB
PWM4W
00
PWM 4
Pulse Width
AE
WDKEY
00
Watch Dog
Key Register
B0
P3
FF
Port 3
B1
PSCL0L
00
Prescaler 0
Low (8-bit)
B2
PSCL0H
00
Prescaler 0
High (8-bit)
B3
PSCL1L
00
Prescaler 1
Low (8-bit)
B4
PSCL1H
00
Prescaler 1
High (8-bit)
B7
IPA
PDDC
PS2
PI2C
PUSB
00
Interrupt
Priority (2nd)
B8
IP
PT2
PS
PT1
PX1
PT0
PX0
00
Interrupt
Priority
C0
P4
FF
New Port 4
C8
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00
Timer 2
Control
C9
T2MOD
DCEN
00
Timer 2
Mode
SFR
Addr
Reg Name
Bit Register Name
Reset
Value
Comments
76
5
4
3
2
1
0


Similar Part No. - UPSD3253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3253A-24T1 STMICROELECTRONICS-UPSD3253A-24T1 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3253A-24T6 STMICROELECTRONICS-UPSD3253A-24T6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com