Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPSD3253 Datasheet(PDF) 80 Page - STMicroelectronics

Part # UPSD3253
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3253 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button UPSD3253 Datasheet HTML 76Page - STMicroelectronics UPSD3253 Datasheet HTML 77Page - STMicroelectronics UPSD3253 Datasheet HTML 78Page - STMicroelectronics UPSD3253 Datasheet HTML 79Page - STMicroelectronics UPSD3253 Datasheet HTML 80Page - STMicroelectronics UPSD3253 Datasheet HTML 81Page - STMicroelectronics UPSD3253 Datasheet HTML 82Page - STMicroelectronics UPSD3253 Datasheet HTML 83Page - STMicroelectronics UPSD3253 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 176 page
background image
µPSD325X DEVICES
80/176
Address Register (SxADR: S1ADR, S2ADR)
This 8-bit register may be loaded with the 7-bit
slave address to which the controller will respond
when programmed as a slave receive/transmitter.
The Start/Stop Hold Time Detection and System
Clock registers (Tables 57 and 58) are included in
the I2C unit to specify the start/stop detection time
to work with the large range of MCU frequency val-
ues supported. For example, with a system clock
of 40MHz.
Table 56. Address Register (SxADR)
Note: 1. SLA6 to SLA0: Own slave address.
Table 57. Start /Stop Hold Time Detection Register (S1SETUP, S2SETUP)
Table 58. System Cock of 40MHz
Table 59. System Clock Setup Examples
76543210
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
Address
Register Name
Reset Value
Note
SFR
D1h
S1SETUP
00h
To control the start/stop hold time detection for the DDC module
in Slave Mode
D2h
S2SETUP
00h
To control the start/stop hold time detection for the multi-master
I²C module in Slave Mode
S1SETUP,
S2SETUP Register
Value
Number of Sample
Clock (fOSC/2 ->
50ns)
Required Start/
Stop Hold Time
Note
00h
1EA
50ns
When Bit 7 (enable bit) = 0, the number of
sample clock is 1EA (ignore Bit 6 to Bit 0)
80h
1EA
50ns
81h
2EA
100ns
82h
3EA
150ns
...
...
...
8Bh
12EA
600ns
Fast Mode I²C Start/Stop hold time specification
...
...
...
FFh
128EA
6000ns
System Clock
S1SETUP,
S2SETUP Register
Value
Number of Sample
Clock
Required Start/Stop Hold Time
40MHz (fOSC/2 -> 50ns)
8Bh
12 EA
600ns
30MHz (fOSC/2 -> 66.6ns)
89h
9 EA
600ns
20MHz (fOSC/2 -> 100ns)
86h
6 EA
600ns
8MHz (fOSC/2 -> 250ns)
83h
3 EA
750ns


Similar Part No. - UPSD3253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3253A-24T1 STMICROELECTRONICS-UPSD3253A-24T1 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3253A-24T1T STMICROELECTRONICS-UPSD3253A-24T1T Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD3253A-24T6 STMICROELECTRONICS-UPSD3253A-24T6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3253

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD325X STMICROELECTRONICS-UPSD325X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
UPSD323X STMICROELECTRONICS-UPSD323X Datasheet
1Mb / 176P
   Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
UPSD3212C STMICROELECTRONICS-UPSD3212C Datasheet
1Mb / 152P
   Flash Programmable System Devices with 8032 Microcontroller Core and 16Kbit SRAM
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
logo
ATMEL Corporation
ATMEGA32L ATMEL-ATMEGA32L_14 Datasheet
5Mb / 346P
   Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128 Datasheet
481Kb / 24P
   Microcontroller with 128KBytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com