Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POTH444472C350 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # POTH444472C350
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH444472C350 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button POTH444472C350 Datasheet HTML 3Page - Vishay Siliconix POTH444472C350 Datasheet HTML 4Page - Vishay Siliconix POTH444472C350 Datasheet HTML 5Page - Vishay Siliconix POTH444472C350 Datasheet HTML 6Page - Vishay Siliconix POTH444472C350 Datasheet HTML 7Page - Vishay Siliconix POTH444472C350 Datasheet HTML 8Page - Vishay Siliconix POTH444472C350 Datasheet HTML 9Page - Vishay Siliconix POTH444472C350 Datasheet HTML 10Page - Vishay Siliconix POTH444472C350 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
POHR36, POHR44, POTH44, POTH50, POTH76
www.vishay.com
Vishay MCB
Revision: 02-Mar-17
10
Document Number: 32521
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DIAGRAM
Clockwise direction viewed from control shaft side
POWER RATING CHART
OPTIONS (on request)
• Other ohmic values: 2.5 k
 (POHR36); 1.6 k, 2 k, or 2.8 k (POHR44); 1 k (POTH44)
• Other tolerances on Rn (see “Electrical Specifications” table): ± 20 %
• Other linearities (see “Electrical Specifications” table): 0.2 % (POHR36)
• Other theoretical electrical travel: 354° ± 1° and 120° (with UET = 100°) (POHR36); 120° (with UET = 100°) (POHR44)
• Connectors (center tap)
• Wire outputs (only on POHR44 and POTH44)
• Through shaft
• Phasing between wipers: 180° ± 2° (POHR36 x 2)
• Specific function:
- sine and cosine (360°) with accuracy ± 0.2 %
- switch sector with accuracy ± 1° or ± 30’ (POHR44)
• Middle tap: POHR44 U/2 ± 0.5 %
• For space application: removing of fabrication for tracks and ball bearings
• Protection resistor in series with wiper: 150
; 300  (± 15 %)
• Version waterproof: POHR44 (starting torque
 60 cNcm)
• Electrical output by connector: plug Socapex: JT 06 RT 835 P023 (or equivalent) with cable length 1 m
• Version supplying voltage: 6 V < U < 30 V
A
C
B
Yellow
Green
Red
0
70
125
(°C)
W
4
POTH76
POTH50
POHR44, POTH44
POHR36
2
3
2.5


Similar Part No. - POTH444472C350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POTH44 VISHAY-POTH44 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results

Similar Description - POTH444472C350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
PP36 VISHAY-PP36 Datasheet
91Kb / 3P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 25-Jan-18
PP12SR VISHAY-PP12SR Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 25-Jan-18
P22S VISHAY-P22S Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com