Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POTH763472C350 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # POTH763472C350
Description  Single-Turn Continuous Rotation Analog Displacement Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH763472C350 Datasheet(HTML) 2 Page - Vishay Siliconix

  POTH763472C350 Datasheet HTML 1Page - Vishay Siliconix POTH763472C350 Datasheet HTML 2Page - Vishay Siliconix POTH763472C350 Datasheet HTML 3Page - Vishay Siliconix POTH763472C350 Datasheet HTML 4Page - Vishay Siliconix POTH763472C350 Datasheet HTML 5Page - Vishay Siliconix POTH763472C350 Datasheet HTML 6Page - Vishay Siliconix POTH763472C350 Datasheet HTML 7Page - Vishay Siliconix POTH763472C350 Datasheet HTML 8Page - Vishay Siliconix POTH763472C350 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
POHR36, POHR44, POTH44, POTH50, POTH76
www.vishay.com
Vishay MCB
Revision: 02-Mar-17
2
Document Number: 32521
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
PERFORMANCE
PARAMETER
Life
25M cycles
Temperature range
-55 °C to +125 °C
Rotation speed
600 rpm
SAP PART NUMBERING GUIDELINES
MODEL
SIZE (mm)
GANG
VALUE
LINEARITY
ANGLE
PACKAGING
POTH
44
50
76
1
2
3
4
5
6
7
8
(max. number of stages:
see “Dimensions”)
472 = 4K7
103 = 10K
B = 0.5 %
C = 0.25 %
D = 0.1 %
E = 0.05 %
(see “Electrical
Specifications”)
350
b = box
POHR
36
44
DIMENSIONS in millimeters
POHR36
Number of cups:
1
234
56
78
L:
21
26
31
36
41
46
51
56
9 min.
1.6 ± 0.1
1.6 ± 0.1
1.9 + 0.2
- 0.1
25 ± 0.5
20°
20°
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
Approximate electrical zero
1.5
L ± 0.5
12.5


Similar Part No. - POTH763472C350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POTH76 VISHAY-POTH76 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results

Similar Description - POTH763472C350

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
PP36 VISHAY-PP36 Datasheet
91Kb / 3P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 25-Jan-18
PP12SR VISHAY-PP12SR Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 25-Jan-18
P22S VISHAY-P22S Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com