Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PORH12100F473DB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PORH12100F473DB
Description  Analog Rectilinear Displacement Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PORH12100F473DB Datasheet(HTML) 6 Page - Vishay Siliconix

  PORH12100F473DB Datasheet HTML 1Page - Vishay Siliconix PORH12100F473DB Datasheet HTML 2Page - Vishay Siliconix PORH12100F473DB Datasheet HTML 3Page - Vishay Siliconix PORH12100F473DB Datasheet HTML 4Page - Vishay Siliconix PORH12100F473DB Datasheet HTML 5Page - Vishay Siliconix PORH12100F473DB Datasheet HTML 6Page - Vishay Siliconix PORH12100F473DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PORH12, PORH9.5, PORR12
www.vishay.com
Vishay MCB
Revision: 01-Mar-17
6
Document Number: 32525
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
• Option RH12025 with radial output
• Option with bent sheath
Note
(1) When the shaft is completely pushed, the length exceeds 8 mm (+ 1 mm / 0 mm)
DIMENSIONS in millimeters
DIMENSIONS in millimeters (TET = 17 mm)
6 wires AWG26
Length: 300 mm
2.2 ± 0.5
60.5 ± 0.5
3 max. (possibility of clamping)
8 max. (possibility of clamping)
11.2 ± 0.3
(position of middle travel)
A
DETAIL A
3.6 ± 0.05
Red
Red / black
Green
Yellow
Green / black
Yellow / black
0.6
0
+ 0.1
300 + 20
0
8 + 10
Ø 12.7 0
- 0.05
8 + 10
6 wires AWG26
3 max. (possibility of clamping)
10 max. (possibility of clamping)
52.5 ± 0.5
Yellow / black
Green / black
Yellow
Green
Red / black
Red
See note
(1)


Similar Part No. - PORH12100F473DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PORH12 VISHAY-PORH12 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
More results

Similar Description - PORH12100F473DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
   Analog Linear Displacement Sensor
01-Jan-2022
RH28 VISHAY-RH28 Datasheet
105Kb / 4P
   Analog Linear Displacement Sensor
Revision: 09-Sep-15
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
   Kit Potentiometer Rotational Analog Displacement Sensor
Revision: 27-Apr-17
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
   Kit Potentiometer Linear Analog Displacement Sensor
Revision: 10-Mar-17
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
   Kit Potentiometer Linear Analog Displacement Sensor
01-Jan-2022
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
   Kit Potentiometer Rotational Analog Displacement Sensor
01-Jan-2022
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 02-Mar-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com