Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8116GR Datasheet(PDF) 1 Page - NEC

Part # UPC8116GR
Description  500 MHz AM/ASK RECEIVER IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8116GR Datasheet(HTML) 1 Page - NEC

  UPC8116GR Datasheet HTML 1Page - NEC UPC8116GR Datasheet HTML 2Page - NEC UPC8116GR Datasheet HTML 3Page - NEC UPC8116GR Datasheet HTML 4Page - NEC UPC8116GR Datasheet HTML 5Page - NEC UPC8116GR Datasheet HTML 6Page - NEC UPC8116GR Datasheet HTML 7Page - NEC UPC8116GR Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PART NUMBER
UPC8116GR
PACKAGE OUTLINE
S20
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current, No Input Signal
mA
2.6
4.1
5.7
IPS
Current in Power Save Mode, PIN 17 grounded
µA
1.0
MIXER SECTION
fRF
RF Input Frequency Range, fIF = 10.7 MHz, fRF > fLO
MHz
100
500
fLO
LO Input Frequency Range, fIF = 10.7 MHz, fRF > fLO
MHz
100
500
fIF
IF Output Frequency Range, Pin = -80 dBm, -3 dB Down
MHz
0.3
15
CG
Mixer Conversion Gain, PRF = -50 dBm, PLO = -10 dBM
dB
3.5
6.5
11.2
fIF = 10.7 MHz, Zs = 50
ISOL(LO-RF)
LO to RF Isolation, fLO = 304.3 MHz, -10 dBm
dBc
40
ISOL(RF-LO)
RF to LO Isolation, fRF = 315 MHz, -30 dBm
dBc
50
NF
Noise Figure
dB
15
IF SECTION
GIF
IF Amplifier Gain, fin = 10.7 MHz, Pin = -80 dBm
dB
62
65
RSSI
RSSI Sensitivity, fRF = 315 MHz, fLO = 304.3 MHz, Pin = -10 dBm
dBm
-100
-85
DRSSI
RSSI Dynamic Range
dB
70
∆RSSI/∆PRF
RSSI Linearity, fRF = 315 MHz, fLO = 304.3 MHz, Pin = -10 dBm
dB
±2
OP AMP
fOP
OP Amp Input Frequency Range, Pin = -50 dBm
KHz
200
500
800
GOP
OP Amp Gain, fIN = 200 KHz, Pin = -50 dBm
dB
50
57
ELECTRICAL CHARACTERISTICS (TA = 25°C, Vcc = Vps = 3 V, unless otherwise specified)
The UPC8116GR is a Si MMIC Wideband IF Receiver IC
manufactured with the NESAT III silicon bipolar process. The
IC consists of a mixer, on-chip oscillator, IF amplifier, limiter
amplifier, OP amp, and built-in RSSI and power save func-
tions. The device operates over a wide 2.7 to 5.5 V supply
voltage range while drawing only 4 mA at 3 V. It is housed in
a small 20 pin SSOP package. The device was specifically
designed for use in low cost automotive keyless entry receiv-
ers, wireless security systems, UHF remote control, and other
low power Part 15 applications.
NEC's stringent quality assurance and test procedures assure
the highest reliability and performance.
DESCRIPTION AND APPLICATIONS
INTERNAL BLOCK DIAGRAM
California Eastern Laboratories
FEATURES
WIDEBAND RF & LO BANDWITH: 100~500 MHz
HIGH GAIN: 118 dB Typical
RSSI DYNAMIC RANGE: 70 dB
LOW POWER DISSIPATION: 12 mW @ 3 V
POWER SAVE FUNCTION
SMALL PACKAGE: 20 pin SSOP
AVAILABLE IN TAPE AND REEL
500 MHz AM/ASK RECEIVER IC UPC8116GR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MIXER IN
MIXER OUT
IF IN
IF AMP
RSSI
BYPASS +
BYPASS -
RSSI
Vcc
OP AMP Gnd
OP AMP IN +
OP AMP
LIMITER
AMP
OP AMP IN -
GND
LO (C)
LO (E)
POWER SAVE
IF OUT
GND
LIMITER IN
BYPASS +
BYPASS -
OP AMP OUT
+
-


Similar Part No. - UPC8116GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8116GR RENESAS-UPC8116GR Datasheet
276Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8116GR-E1 RENESAS-UPC8116GR-E1 Datasheet
276Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC8116GR

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
   AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
   AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
   AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
   AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com