Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PORH12010F473DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PORH12010F473DB
Description  Analog Rectilinear Displacement Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PORH12010F473DB Datasheet(HTML) 2 Page - Vishay Siliconix

  PORH12010F473DB Datasheet HTML 1Page - Vishay Siliconix PORH12010F473DB Datasheet HTML 2Page - Vishay Siliconix PORH12010F473DB Datasheet HTML 3Page - Vishay Siliconix PORH12010F473DB Datasheet HTML 4Page - Vishay Siliconix PORH12010F473DB Datasheet HTML 5Page - Vishay Siliconix PORH12010F473DB Datasheet HTML 6Page - Vishay Siliconix PORH12010F473DB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PORH12, PORH9.5, PORR12
www.vishay.com
Vishay MCB
Revision: 01-Mar-17
2
Document Number: 32525
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES - PORH12
MODEL
TYPE
DIAMETER
LENGTH (mm)
SHAFT VERSION
VALUE
LINEARITY
PACKAGING
POR
H
12
010
025
050
075
100
F = floating shaft
Manual
transducers
102 = 01K
472 = 4K7
103 = 10K
223 = 22K
473 = 47K
104 = 100K
In accordance
with UET, see
“Electrical
Specifications”
A = 1 %
D = 0.1 %
B = box
DIMENSIONS in millimeters
Useful electrical travel
10
25
50
75
100
L ± 0.5 mm
45.5
60.5
85.5
110.5
135.5
DESIGNS ON REQUEST (FOR VERSION PORR12)
OPTION 1
L
3 max. tightening capacity L
8 max. tightening capacity L
25
10
Insulation g26 teflon wires
length: 300
Shaft body misalignment
± 0.2 mm max.
141.5
25
4 x Ø 3.3
Ø 12.7
20
M3x0.5
300
200
Ø 12.7
2.5
2.5
Ø 21
3 wires AWG24
22


Similar Part No. - PORH12010F473DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PORH12 VISHAY-PORH12 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
More results

Similar Description - PORH12010F473DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
   Analog Linear Displacement Sensor
01-Jan-2022
RH28 VISHAY-RH28 Datasheet
105Kb / 4P
   Analog Linear Displacement Sensor
Revision: 09-Sep-15
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
   Kit Potentiometer Rotational Analog Displacement Sensor
Revision: 27-Apr-17
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
   Kit Potentiometer Linear Analog Displacement Sensor
Revision: 10-Mar-17
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
   Kit Potentiometer Linear Analog Displacement Sensor
01-Jan-2022
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
   Kit Potentiometer Rotational Analog Displacement Sensor
01-Jan-2022
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 02-Mar-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com