Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7065-13 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7065-13
Description  0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7065-13 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7065-13 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7065-13 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Continuously Variable, Bidirectional Attenuator
Connector 1
SMA Female
Connector 2
SMA Female
Body Material and Plating
Aluminum
Electrical Specifications Values at 25°C, sea level
Description
Minimum
Typical
Maximum
Units
Frequency Range
12.4
18
GHz
Impedance
50
Ohms
Attenuation Value
30
dB
Step Type
Rotary
Input Power
5
Watts
Peak Power
3
KWatts
VSWR
1.5:1
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Insertion Loss
0.75
dB
.
Mechanical Specifications
Temperature
Operating Range
-65 to +125 deg C
Size
Length
4.5 in [114.3 mm]
Width
4 in [101.6 mm]
Height
4 in [101.6 mm]
.
Connectors
Description
Connector 1
Connector 2
Type
SMA Female
SMA Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To
5 Watts From 12.4 GHz To 18 GHz PE7065-13
PE7065-13
PE7065-13 REV 1.2
0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female
To SMA Female Rated To 5 Watts From 12.4 GHz To 18 GHz


Similar Part No. - PE7065-13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-13 PASTERNACK-PE7065-13 Datasheet
220Kb / 3P
   30 dB Continuously Variable Attenuator, SMA Female To SMA Female Aluminum Body Rated To 5 Watts From 12.4 GHz To 18 GHz
More results

Similar Description - PE7065-13

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7065-12 PASTERNACK-PE7065-12_14 Datasheet
368Kb / 2P
   0 to 20 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-10 PASTERNACK-PE7065-10_14 Datasheet
369Kb / 2P
   0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-14 PASTERNACK-PE7065-14_14 Datasheet
369Kb / 2P
   0 to 40 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-11 PASTERNACK-PE7065-11_14 Datasheet
369Kb / 2P
   0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female Rated To 5 Watts
PE7065-6 PASTERNACK-PE7065-6_14 Datasheet
369Kb / 2P
   0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-9 PASTERNACK-PE7065-9_14 Datasheet
368Kb / 2P
   0 to 30 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-7 PASTERNACK-PE7065-7_14 Datasheet
368Kb / 2P
   0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-4 PASTERNACK-PE7065-4_14 Datasheet
368Kb / 2P
   0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-1 PASTERNACK-PE7065-1_14 Datasheet
369Kb / 2P
   0 to 7 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
PE7065-2 PASTERNACK-PE7065-2_14 Datasheet
369Kb / 2P
   0 to 10 dB Rotary Continuously Variable Attenuator, SMA Female To SMA Female
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com