Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2748T Datasheet(PDF) 1 Page - NEC

Part # UPC2748T
Description  3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2748T Datasheet(HTML) 1 Page - NEC

  UPC2748T Datasheet HTML 1Page - NEC UPC2748T Datasheet HTML 2Page - NEC UPC2748T Datasheet HTML 3Page - NEC UPC2748T Datasheet HTML 4Page - NEC UPC2748T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• 2.8 dB NOISE FIGURE
• LOW VOLTAGE - LOW CURRENT: 6 mA at 3 V
• LOW POWER CONSUMPTION: 18 mW TYP
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE
FEATURES
DESCRIPTION
3 V, 900 MHz
LOW NOISE SI MMIC AMPLIFIER
UPC2748T
The UPC2748T is a Silicon Monolithic integrated circuit which
is manufactured using the NESAT III process. The NESAT III
process produces transistors with fT approaching 20 GHz.
This amplifier was designed for 900 MHz receivers in cellular
and cordless telephone applications. Operating on a 3 volt
supply (1.8 volt minimum) this IC is ideally suited for hand-
held, portable designs.
NEC's stringent quality assurance and test procedures en-
sure the highest reliability and performance.
NOISE FIGURE AND
GAIN vs. FREQUENCY
VCC = 3.0 V, ICC = 6mA
Frequency, f (MHz)
ELECTRICAL CHARACTERISTICS (TA = 25°C, ZL = ZS = 50 Ω)
PART NUMBER
UPC2748T
PACKAGE OUTLINE
TO6
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICC
Circuit Current (no signal)
VCC = 3.0 V
mA
4.5
6.0
8.0
VCC = 1.8 V
mA
3.5
GS
Small Signal Gain,
f = 900 MHz, VCC = 3.0 V
dB
16
19
21
f = 900 MHz, VCC = 1.8 V
dB
11.5
fL1
Lower Limit Operating Frequency, VCC = 3.0 V
GHz
0.2
0.4
VCC = 1.8 V
GHz
0.2
fU2
Upper Limit Operating Frequency, VCC = 3.0 V
GHz
1.2
1.5
VCC = 1.8 V
GHz
1.5
PSAT
Saturated Output Power,
f = 900 MHz, , VCC = 3.0 V
dBm
-6
-3.5
f = 900 MHz, VCC = 1.8 V
dBm
-10
NF
Noise Figure,
f = 900 MHz, VCC = 3.0 V
dB
2.8
4.0
f = 900 MHz, VCC = 1.8 V
dB
4.5
RLIN
Input Return Loss,
f = 900 MHz, VCC = 3.0 V
dB
8.5
11.5
f = 900 MHz, VCC = 1.8 V
dB
10
RLOUT
Output Return Loss,
f = 900 MHz, VCC = 3.0 V
dB
5.5
8.5
f = 900 MHz, VCC = 1.8 V
dB
12
ISOL
Isolation,
f = 900 MHz, VCC = 3.0 V
dB
35
40
f = 900 MHz, VCC = 1.8 V
dB
34
OIP3
SSB OutputThird Order Intercept,
f1 = 500 MHz, f2 = 510 MHz, VCC = 3.0 V
dBm
-1
f1 = 900 MHz, f2 = 902 MHz, VCC = 3.0 V
dBm
-2
f1 = 1000 MHz, f2 = 1010 MHz, VCC = 3.0 V
dBm
-2
f1 = 900 MHz, f2 = 902 MHz, VCC = 1.8 V
dBm
-6
RTH (J-A)
Thermal Resistance (Junction to Ambient)
Free Air
°C/W
620
Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB
°C/W
230
Notes:
1.The gain at fL is 3 dB down from the gain at 900 MHz.
2.The gain at fU is 3 dB down from the gain at 900 MHz.
Calfornia Eastern Laboratories
GS
NF
0
1000
2000
20
18
16
14
4.0
3.5
3.0
2.5


Similar Part No. - UPC2748T

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2748T CEL-UPC2748T Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2748TB NEC-UPC2748TB Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
logo
California Eastern Labs
UPC2748TB CEL-UPC2748TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2748TB CEL-UPC2748TB Datasheet
2Mb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2748TB-E3 NEC-UPC2748TB-E3 Datasheet
119Kb / 20P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
More results

Similar Description - UPC2748T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
   3 V, 900 MHz Si MMIC AMPLIFIER
UPC2749T NEC-UPC2749T Datasheet
99Kb / 4P
   3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
   3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
   3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
   800 - 900 MHz LOW NOISE AMPLIFIER
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
   LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
logo
NXP Semiconductors
BGA2011 PHILIPS-BGA2011 Datasheet
83Kb / 12P
   900 MHz high linear low noise amplifier
2000 Dec 04
logo
Adels-Contact
175003 ADELS-175003 Datasheet
120Kb / 2P
   900 SI/ 3
logo
NEC
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
   3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com