Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POTH223103A330B Datasheet(PDF) 6 Page - Vishay Siliconix

Part # POTH223103A330B
Description  Single-Turn Continuous Rotation Analog Displacement Sensors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POTH223103A330B Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button POTH223103A330B Datasheet HTML 2Page - Vishay Siliconix POTH223103A330B Datasheet HTML 3Page - Vishay Siliconix POTH223103A330B Datasheet HTML 4Page - Vishay Siliconix POTH223103A330B Datasheet HTML 5Page - Vishay Siliconix POTH223103A330B Datasheet HTML 6Page - Vishay Siliconix POTH223103A330B Datasheet HTML 7Page - Vishay Siliconix POTH223103A330B Datasheet HTML 8Page - Vishay Siliconix POTH223103A330B Datasheet HTML 9Page - Vishay Siliconix POTH223103A330B Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
POTH12, POTH19, POTH22, POTH27, POHR27, POTH33
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
6
Document Number: 32520
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POTH27
Number of cups
1234
L
16273849
DESIGNS ON REQUEST FOR POTH27
OPTION 1: BIG AND THROUGH SHAFT
DIMENSIONS in millimeters
Approximate electrical zero
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
0.4 max.
5.1 min.
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
16 ± 0.3
12.5 ± 0.5
25°
25°
L ± 1
2.3 0
- 0.1
4.5 0
+ 0.1
2.65 0
+ 0.02
15 ± 0.1
25 ± 0.1
126.5 ± 0.5
16 ± 0.3
1.6 ± 0.1
1.6 ± 0.1
1.6 ± 0.1
0.4 max.
5.1 min.
25° ± 3°
25° ±
Approximate electrical zero
1 x 45°
Clockwise
Viewed shaft side
4
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
Slot width: 0.8 ± 0.2
Depth: 1 ± 0.4
1 x 45°
2 ± 0.5
4
3
2
1
3
2
1


Similar Part No. - POTH223103A330B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POTH22 VISHAY-POTH22 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
More results

Similar Description - POTH223103A330B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P22S VISHAY-P22S Datasheet
96Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 06-Oct-16
P22S VISHAY-P22S_V01 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POHR36 VISHAY-POHR36_V01 Datasheet
266Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POTH12 VISHAY-POTH12_V01 Datasheet
297Kb / 14P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B_V01 Datasheet
109Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27_V01 Datasheet
160Kb / 7P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP12SR VISHAY-PP12SR_V01 Datasheet
84Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
PP22B VISHAY-PP22B Datasheet
112Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensors
Revision: 14-Oct-16
PP36 VISHAY-PP36_V01 Datasheet
88Kb / 3P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com