Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7058-1 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7058-1
Description  0 to 81 dB Rotary Step Attenuator, BNC Female To BNC Female
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7058-1 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7058-1 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7058-1 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Step, Bidirectional Attenuator
Connector 1
BNC Female
Connector 2
BNC Female
Body Material and Plating
Brass, Nickel
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
50
Attenuation Value, dB
0 to 81
Step Size, dB
0.1
Step Type
Rotary
Maximum Input Power, Watts
1
Maximum VSWR
1.5:1
Frequency 1
Range, MHz
DC to 30
VSWR
1.1:1
Attenuation Accuracy, dB
± 0.05
Frequency 2
Range, MHz
30 to 500
VSWR
1.3:1
Attenuation Accuracy, dB
± 0.5
Frequency 3
Range, MHz
500 to 1,000
VSWR
1.5:1
Attenuation Accuracy, dB
± 1.5
Mechanical Specifications
Temperature
Operating Range, deg C
-20 to +85
Size
Length, in [mm]
4 [101.6]
Width, in [mm]
8 [203.2]
Height, in [mm]
4 [101.6]
.
Connector 1
Type
BNC Female
Outer Conductor Material and Plating
Brass, Nickel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 81 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To
1 Watt Up To 1000 MHz PE7058-1
PE7058-1
PE7058-1 REV 1.1
0 to 81 dB Rotary Step Attenuator, BNC Female To BNC
Female With 0.1 dB Step Rated To 1 Watt Up To 1000 MHz


Similar Part No. - PE7058-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
   THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
More results

Similar Description - PE7058-1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1_16 Datasheet
348Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female to BNC Female
PE7034-2 PASTERNACK-PE7034-2_17 Datasheet
356Kb / 3P
   0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female
PE7034-4 PASTERNACK-PE7034-4_14 Datasheet
221Kb / 3P
   0 to 70 dB Rotary Step Attenuator, BNC Female To BNC Female
PE7034-5 PASTERNACK-PE7034-5_14 Datasheet
221Kb / 3P
   0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female
PE7034-6 PASTERNACK-PE7034-6_14 Datasheet
221Kb / 3P
   0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female
PE7033-2 PASTERNACK-PE7033-2_14 Datasheet
147Kb / 2P
   0 to 80 dB Rotary Step Attenuator, BNC Female To BNC Female
PE7008-2 PASTERNACK-PE7008-2_15 Datasheet
329Kb / 3P
   0 to 45.5 dB Push Button Step Attenuator, BNC Female To BNC Female
PE7008-1 PASTERNACK-PE7008-1_15 Datasheet
328Kb / 3P
   0 to 65 dB Push Button Step Attenuator, BNC Female To BNC Female
PE7008-5 PASTERNACK-PE7008-5_17 Datasheet
361Kb / 3P
   0 to 102 dB Push Button Step Attenuator, BNC Female To BNC Female
PE7008-6 PASTERNACK-PE7008-6_17 Datasheet
364Kb / 3P
   0 to 82.5 dB Push Button Step Attenuator, BNC Female To BNC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com