Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7057-10 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7057-10
Description  10 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7057-10 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7057-10_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7057-10_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7057-10_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
10 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female
Brass Nickel Body Rated to 2 Watts Up to 1,000 MHz
PE7057-10
CAD Drawing
PE7057-10 REV 1.1


Similar Part No. - PE7057-10_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7057-10 PASTERNACK-PE7057-10 Datasheet
209Kb / 3P
   10 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
More results

Similar Description - PE7057-10_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7057-3 PASTERNACK-PE7057-3_16 Datasheet
232Kb / 3P
   3 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7057-6 PASTERNACK-PE7057-6_16 Datasheet
233Kb / 3P
   6 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7057-1 PASTERNACK-PE7057-1_16 Datasheet
233Kb / 3P
   1 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7057-2 PASTERNACK-PE7057-2_16 Datasheet
233Kb / 3P
   2 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7396-10 PASTERNACK-PE7396-10 Datasheet
198Kb / 2P
   10 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-4 PASTERNACK-PE7396-4 Datasheet
198Kb / 2P
   dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-3 PASTERNACK-PE7396-3 Datasheet
197Kb / 2P
   dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
   16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
PE7396-1 PASTERNACK-PE7396-1 Datasheet
198Kb / 2P
   1 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-2 PASTERNACK-PE7396-2 Datasheet
197Kb / 2P
   2 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com