Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7057-2 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7057-2
Description  2 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7057-2 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7057-2_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7057-2_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7057-2_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
F Male
F Female
Hex Size
7/16 in.
Torque
15 in-lbs 1.7 Nm
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
2 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body Rated to 2 Watts Up to 1,000 MHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body Rated to 2 Watts
Up to 1,000 MHz PE7057-2
URL:
http://www.pasternack.com/2db-fixed-f-male-f-female-2-watts-attenuator-pe7057-2-p.aspx
PE7057-2 REV 1.1
RF Fixed Attenuators Technical Data Sheet
PE7057-2
2 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female
Brass Nickel Body Rated to 2 Watts Up to 1,000 MHz


Similar Part No. - PE7057-2_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7057-2 PASTERNACK-PE7057-2 Datasheet
210Kb / 3P
   2 dB Fixed Attenuator, 75 F Male To 75 F Female Brass Nickel Body Rated To 2 Watts Up To 1 GHz
More results

Similar Description - PE7057-2_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7057-3 PASTERNACK-PE7057-3_16 Datasheet
232Kb / 3P
   3 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7057-6 PASTERNACK-PE7057-6_16 Datasheet
233Kb / 3P
   6 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7057-1 PASTERNACK-PE7057-1_16 Datasheet
233Kb / 3P
   1 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7057-10 PASTERNACK-PE7057-10_16 Datasheet
232Kb / 3P
   10 dB Fixed Attenuator, 75 Ohm F Male to 75 Ohm F Female Brass Nickel Body
PE7396-2 PASTERNACK-PE7396-2 Datasheet
197Kb / 2P
   2 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-4 PASTERNACK-PE7396-4 Datasheet
198Kb / 2P
   dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-3 PASTERNACK-PE7396-3 Datasheet
197Kb / 2P
   dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-16 PASTERNACK-PE7396-16 Datasheet
199Kb / 2P
   16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female 16 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female
PE7396-1 PASTERNACK-PE7396-1 Datasheet
198Kb / 2P
   1 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
PE7396-7 PASTERNACK-PE7396-7 Datasheet
197Kb / 2P
   7 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com