Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7054-3 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7054-3
Description  3 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7054-3 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7054-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7054-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7054-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7054-3 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
4.66 in [118.36 mm]
Width/Diameter
2.65 in [67.31 mm]
Height
2.65 in [67.31 mm]
.
Weight
1.175 lbs [532.97 g]
Body Material and Plating
Black Anodized Aluminum Heatsink
Configuration
Design
Fixed, Bidirectional
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
TNC Male
TNC Female
Connector Specification
MIL-C-39012
MIL-C-39012
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Hex Size
5/8 in.
Torque
14 in-lbs 1.58 Nm
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
Mechanical Specification Notes:
TNC connectors are Mode-Free up to 18 GHz.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE7054-3 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
Rated to 25 Watts Up to 18 GHz
PE7054-3
RF Fixed Attenuators Technical Data Sheet
PE7054-3
3 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized
Aluminum Heatsink Body Rated to 25 Watts Up to 18 GHz


Similar Part No. - PE7054-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7054-3 PASTERNACK-PE7054-3 Datasheet
256Kb / 2P
   3 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-30 PASTERNACK-PE7054-30 Datasheet
256Kb / 2P
   30 dB Fixed Attenuator, TNC Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7054-30 PASTERNACK-PE7054-30 Datasheet
252Kb / 4P
   30 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7054-30 PASTERNACK-PE7054-30_16 Datasheet
252Kb / 4P
   30 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7054-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7053-3 PASTERNACK-PE7053-3_16 Datasheet
236Kb / 4P
   3 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-3 PASTERNACK-PE7052-3_16 Datasheet
227Kb / 3P
   3 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7053-10 PASTERNACK-PE7053-10_16 Datasheet
236Kb / 4P
   10 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7054-1 PASTERNACK-PE7054-1_16 Datasheet
252Kb / 4P
   1 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-30 PASTERNACK-PE7052-30_16 Datasheet
227Kb / 3P
   30 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7053-2 PASTERNACK-PE7053-2_16 Datasheet
236Kb / 4P
   2 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-2 PASTERNACK-PE7052-2_16 Datasheet
227Kb / 3P
   2 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7053-1 PASTERNACK-PE7053-1_16 Datasheet
236Kb / 4P
   1 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7052-10 PASTERNACK-PE7052-10_16 Datasheet
227Kb / 3P
   10 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7054-10 PASTERNACK-PE7054-10_16 Datasheet
252Kb / 4P
   10 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com