Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PRHY12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. PRHY12
Description  Analog Displacement Sensor for Mounting in Hydraulic Cylinder
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

PRHY12 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRHY12
www.vishay.com
Vishay MCB
Revision: 07-Mar-16
2
Document Number: 32526
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBERING GUIDELINES
MODEL
DIAMETER
LENGTH (mm)
VALUE
LINEARITY
PACKAGING
PRHY
12
107
9631 = 9K6
D = 0.1 %
B = box
177
1592 = 15K9
527
4742 = 47K4
CONNECTIONS
Design 1: Standard version with connector inserted in interface flange
Design 2: Sensor with wire outputs without sealed feed-through and flange
Design 3: Sensor equipped with a sealed feed-through and a wire output cylinder interface flange
DIMENSIONS in millimeters
DESIGN 1 (STANDARD VERSION)
DESIGN 2 (ON REQUEST)
CYLINDER ROD BORING
TET + 49 max.
Theoritical Electrical Travel (TET) (+ 1 / - 0)
Mechanical Travel (CE ) + 3
- 0.2
22
0
10
26
14
C
C
C-C
Ø
12
0
- 0.2
Hirschman connector
ELST 400L/12
Electrical zero: 29.5
Snap ring
Washer
Spring
6 ± 0.3
Location of waterproof ring
60
°
0
- 4°
3
R0.2
1.2 ± 0.05
L = TET + 38 (0 / + 0.5)
20 - 0.5 / + 0
Electrical zero
Electrical travel
(+ 1 / - 0)
3
Max. mechanical travel:
TET + 1.5
3 insulated wires
g26 length 300 mm
Ø 12
0
- 0.2
60°
9
3
15
M3 x 3 cup HC screw
1.1
+ 0.05
0
13 + 0.1
0


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn