Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PORH12010F102AB Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. PORH12010F102AB
Description  Analog Rectilinear Displacement Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PORH12010F102AB Datasheet(HTML) 1 Page - Vishay Siliconix

  PORH12010F102AB Datasheet HTML 1Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 2Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 3Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 4Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 5Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 6Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PORH12, PORH9.5, PORR12
www.vishay.com
Vishay MCB
Revision: 01-Mar-17
1
Document Number: 32525
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Analog Rectilinear Displacement Sensor
FEATURES
• Conductive plastic potentiometer technology.
Infinite resolution
• Anodized light alloy housing
• Precious metal multi-contact wiper
• Stainless steel floating shaft
• Collar mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Tolerances: - 2 mm, + 0 mm
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Output by wires
Market appliance
Avionics, industrial
Dimensions
Diameter 1/2" (12.7 mm)
ELECTRICAL SPECIFICATIONS
PARAMETER
Total electrical travel (TET)
UET - 0 + 0.3 mm
Independent linearity standard
± 1 %
Independent linearity optional
± 3 %, ± 1 %, ± 0.1 %, ± 0.25 %, ± 0.5 %
Tolerance on Rn
± 10 % (± 20 % on request)
Temperature coefficient
-300 ppm/°C ± 300 ppm/°C
Power rating at +70 °C
0.2 W/cm of travel (see Power Rating Chart)
Wiper current
 1 mA
Recommended load impedance
 1000 R
n
Dielectric strength
500 VRMS, 50 Hz, 1 min
Insulation resistance
 10 G at 500 V
DC
Useful electrical travel (UET)
10 mm
25 mm
50 mm
75 mm
100 mm
Total resistance Rn
2.2 k
1 k
 to 22 k
1 k
 to 47 k
2.2 k
 to 47 k 4.7 k to 100 k
Output smoothness
 0.1 %
 0.1 %
 0.1 %
 0.1 %
 0.1 %
MECHANICAL SPECIFICATIONS
PARAMETER
Mechanical travel
UET - 0 + 3 mm
Driving force
 2 N ( 1.5 N on request)
Driving force with probe (optional)
 3 N to 7 N
Backlash
< 10 μm
Protection class
IP 50
Maximum displacement speed
1.5 m/s
Maximum misalignment
± 0.2 mm
Useful electrical travel (UET)
10 mm (1)
25 mm
50 mm
75 mm
100 mm
Total weight
13 g
18 g
23 g
28 g
33 g
Weight of moving part
3 g
4.5 g
6 g
7.5 g
9 g
PERFORMANCE
PARAMETER
Operating temperature range
-55 °C to +125 °C
Life
10M cycles


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn