Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PORH12010F102AB Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. PORH12010F102AB
Description  Analog Rectilinear Displacement Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PORH12010F102AB Datasheet(HTML) 6 Page - Vishay Siliconix

  PORH12010F102AB Datasheet HTML 1Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 2Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 3Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 4Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 5Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 6Page - Vishay Siliconix PORH12010F102AB Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PORH12, PORH9.5, PORR12
www.vishay.com
Vishay MCB
Revision: 01-Mar-17
6
Document Number: 32525
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
• Option RH12025 with radial output
• Option with bent sheath
Note
(1) When the shaft is completely pushed, the length exceeds 8 mm (+ 1 mm / 0 mm)
DIMENSIONS in millimeters
DIMENSIONS in millimeters (TET = 17 mm)
6 wires AWG26
Length: 300 mm
2.2 ± 0.5
60.5 ± 0.5
3 max. (possibility of clamping)
8 max. (possibility of clamping)
11.2 ± 0.3
(position of middle travel)
A
DETAIL A
3.6 ± 0.05
Red
Red / black
Green
Yellow
Green / black
Yellow / black
0.6
0
+ 0.1
300 + 20
0
8 + 10
Ø 12.7 0
- 0.05
8 + 10
6 wires AWG26
3 max. (possibility of clamping)
10 max. (possibility of clamping)
52.5 ± 0.5
Yellow / black
Green / black
Yellow
Green
Red / black
Red
See note
(1)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn