Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1003-01ETG Datasheet(PDF) 4 Page - Littelfuse

Part # SP1003-01ETG
Description  30pF 30kV Unidirectional Discrete TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1003-01ETG Datasheet(HTML) 4 Page - Littelfuse

  SP1003-01ETG Datasheet HTML 1Page - Littelfuse SP1003-01ETG Datasheet HTML 2Page - Littelfuse SP1003-01ETG Datasheet HTML 3Page - Littelfuse SP1003-01ETG Datasheet HTML 4Page - Littelfuse SP1003-01ETG Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1003 Series
Package Dimensions — SOD723
Symbol
SOD723
Millimeters
Inches
Min
Max
Min
Max
A
0.46
0.65
0.018
0.026
b
0.23
0.35
0.009
0.014
c
0.08
0.13
0.003
0.005
D
0.90
1.10
0.035
0.043
E
0.58
0.64
0.023
0.025
HE
1.37
1.47
0.054
0.058
L
0.15
0.25
0.006
0.010
L
HE
D
Recommended Solder Pad Layout
1.10
[0.043]
0.50
[0.020]
Millimeters (Inches)
Package Dimensions — SOD882
0.325
0.325
0.975
0.650
Recommended Soldering Pad Layout
0.650
Symbol
Package
SOD882
JEDEC
MO-236
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.90
1.00
1.10
0.035
0.039
0.043
B
0.50
0.60
0.70
0.020
0.024
0.028
C
0.40
0.50
0.60
0.016
0.020
0.024
D
0.45
0.018
E
0.20
0.25
0.35
0.008
0.010
0.012
F
0.45
0.50
0.55
0.018
0.020
0.022
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP1003-01DTG
SOD723
or
8,000
SP1003-01ETG
SOD882
or
10,000
Product Characteristics
Lead Plating
Pre-Plated Frame or Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.
Part Numbering System
Part Marking System
SP 1003
* T G
Series
Package
D: SOD723
T= Tape & Reel
G= Green
TVS Diode Arrays
(SPA® Diodes)
E: SOD882
Number of Channels
-01 = 1 Channel
01
C
Product ID
Cathode Identifier
SOD723
X
SOD882
Product ID
Pin 1
or C
c
c


Similar Part No. - SP1003-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1003-01ETG LITTELFUSE-SP1003-01ETG Datasheet
209Kb / 4P
   TVS Diode Arrays (SPA??Family of Products) General Purpose ESD Protection - SP1003 Series
More results

Similar Description - SP1003-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1044 LITTELFUSE-SP1044 Datasheet
2Mb / 4P
   SP1044 Series 30pF 30kV Unidirectional Discrete TVS
AQ1003 LITTELFUSE-AQ1003 Datasheet
613Kb / 5P
   AQ1003 Series - 30pF 30kV Unidirectional Discrete TVS
AQ1003-01LTG LITTELFUSE-AQ1003-01LTG Datasheet
933Kb / 5P
   AQ1003-01LTG, 30pF 30kV Unidirectional Discrete TVS
2019 Littelfuse, Inc
SP1003 LITTELFUSE-SP1003_11 Datasheet
243Kb / 4P
   SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP05 LITTELFUSE-SP05_17 Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
   30pF 30kV Bidirectional Discrete TVS
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
   30pF 30kV Bidirectional Discrete TVS
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
AQ1005 LITTELFUSE-AQ1005 Datasheet
631Kb / 4P
   AQ1005 Series 30pF 30kV Bidirectional Discrete TVS
SP1006 LITTELFUSE-SP1006_17 Datasheet
1Mb / 4P
   25pF 30kV Unidirectional Discrete TVS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com