Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0505BAHTG Datasheet(PDF) 1 Page - Littelfuse

Part # SP0505BAHTG
Description  8pF 15kV Unidirectional TVS Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0505BAHTG Datasheet(HTML) 1 Page - Littelfuse

  SP0505BAHTG Datasheet HTML 1Page - Littelfuse SP0505BAHTG Datasheet HTML 2Page - Littelfuse SP0505BAHTG Datasheet HTML 3Page - Littelfuse SP0505BAHTG Datasheet HTML 4Page - Littelfuse SP0505BAHTG Datasheet HTML 5Page - Littelfuse SP0505BAHTG Datasheet HTML 6Page - Littelfuse SP0505BAHTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1001 Series
Description
Zener diodes fabricated in a proprietary silicon avalanche
technology protect each I/O pin to provide a high level of
protection for electronic equipment that may experience
destructive electrostatic discharges (ESD). These robust
diodes can safely absorb repetitive ESD strikes above
the maximum level specified in the IEC 61000-4-2
international standard (Level 4, ±8kV contact discharge)
without performance degradation. Their very low loading
capacitance also makes them ideal for protecting high-
speed signal pins.
Pinout
Functional Block Diagram
Features
• Low capacitance of 8pF
(TYP) per I/O
• ESD protection of ±15kV
contact discharge, ±30kV
air discharge, (Level 4,
IEC 61000-4-2)
• EFT protection, IEC
61000-4-4, 40A
(5/50ns)
• Low leakage current of
0.5 to 0.1μA (MAX) at 5V
• Small package saves
board space
• Lightning protection, IEC
61000-4-5, 2nd edition 2A
(8/20µs)
• AEC-Q101 qualified
(SC70-x packages)
• RoHS compliant and lead-
free
Applications
• Computer Peripherals
• Mobile Phones
• Digital Cameras
• Desktops/Notebooks
• LCD/PDP TVs
• Set Top Boxes
• DVD Players
• MP3/PMP
1
3
4
5
*SP1001-02
(SC70-3)
(SC70-5)
(SC70-6)
1
3
2
*SP1001-04
1
3
5
4
6
*SP1001-05
2
2
1
3
4
5
1
3
5
4
6
2
2
SP1001-02
(SOT 553)
4
5
2
NC
NC
*Note: AEC-Q101 qualified
(SOT 553)
SP1001-05
(SOT 563)
SP1001-04
SP1001-05
(SOT 963)
1
3
5
4
6
2
SP1001-02
SP1001-02
2
3
1
2
13
4
2
5
2
13
SP1001-05
SP1001-04
4
5
4
65
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
Application Example
Shield
Ground
SP 1001-04JTG (SC70-5)
SP 1001-04XTG (SOT553)
Input
LCD module
Controller
D1
D2
D3
D4
Signal
Ground
SP1001 Series - 8pF 15kV Unidirectional TVS Array
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SP0505BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
178Kb / 7P
   SP050xBA Lead-Free/Green Series
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
SP0505BAHTG LITTELFUSE-SP0505BAHTG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
logo
Shanghai Leiditech Elec...
SP0505BAHTG LEIDITECH-SP0505BAHTG Datasheet
955Kb / 4P
   4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
More results

Similar Description - SP0505BAHTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1001 LITTELFUSE-SP1001_11 Datasheet
298Kb / 6P
   SP1001 Series - 8pF 15kV Unidirectional TVS Array
SP1011 LITTELFUSE-SP1011 Datasheet
266Kb / 5P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
SP1011-04UTG LITTELFUSE-SP1011-04UTG Datasheet
664Kb / 4P
   SP1011 Series 7pF 15kV Unidirectional TVS Array
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
   Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
Protek Devices
PLR0503 PROTEC-PLR0503_15 Datasheet
387Kb / 6P
   9PF UNIDIRECTIONAL TVS ARRAY
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
   UNIDIRECTIONAL TVS DIODE ARRAY
logo
TECH PUBLIC Electronics...
TPE05H5S6 TECHPUBLIC-TPE05H5S6 Datasheet
1Mb / 4P
   Unidirectional 5-Line TVS Array
logo
Diodes Incorporated
D58V0M4U8MR DIODES-D58V0M4U8MR Datasheet
232Kb / 5P
   58V UNIDIRECTIONAL TVS DIODE ARRAY
logo
Littelfuse
SP05 LITTELFUSE-SP05 Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com