Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0S05PFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DNT12S0A0S05PFA
Description  Resistor-based trim
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0S05PFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DNT12S0A0S05PFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0S05PFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_DNT12SMD05_07182012
3
ELECTRICAL CHARACTERISTICS CURVES
72
75
78
81
84
87
90
93
96
1
2
3
4
5
Out put cur r ent ( A)
71
74
77
80
83
86
89
92
95
1
2
3
4
5
Out put cur r ent ( A)
Figure 1: Converter efficiency vs. output current
(12V in, 5V output voltage)
Figure 2: Converter efficiency vs. output current
(12V in, 3.3V output voltage)
74
76
78
80
82
84
86
88
1
2
3
4
5
Out put cur r ent (A)
72
74
76
78
80
82
84
86
1
2
3
4
5
Out put cur r ent (A)
Figure 3: Converter efficiency vs. output current
(12V in, 2.5V output voltage)
Figure 4: Converter efficiency vs. output current
(12V in, 1.8V output voltage)
74
76
78
80
82
84
1
2
3
4
5
Out put cur r ent ( A)
70
72
74
76
78
80
1
2
3
4
5
Out put cur r ent ( A)
Figure 5: Converter efficiency vs. output current
(12V in, 1.5V output voltage)
Figure 6: Converter efficiency vs. output current
(12V in, 1.2V output voltage)


Similar Part No. - DNT12S0A0S05PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S05PFA DELTA-DNT12S0A0S05PFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0S05PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT04SMD03 DELTA-DNT04SMD03 Datasheet
672Kb / 13P
   Resistor-based trim
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com