Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0S05NFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DNT12S0A0S05NFA
Description  Resistor-based trim
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0S05NFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DNT12S0A0S05NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_DNT12SMD05_07182012
4
ELECTRICAL CHARACTERISTICS CURVES
Figure 7: Output ripple & noise at 12Vin, 5.0V/5A out
pk-pk: 41.67mV, rms:12.11mV (50mV/div, 2uS/div)
Figure 8: Output ripple & noise at 12Vin, 3.3V/5A out
pk-pk: 37.1mV, rms: 9.5mV (50mV/div, 2uS/div)
Figure 9: Output ripple & noise at 12Vin, 2.5V/5A out
pk-pk :31.25mV, rms :7.38mV (50mv/div,2uS/div )
Figure 10: Output ripple & noise at 12Vin, 1.2V5A out
pk-pk: 27.08mV, rms: 5.05mV (50mV/div, 2uS/div)
Figure 11: Turn on delay time at 12Vin, 5.0V/5A out
(5mS/div),
Top trace: Vout, 5V/ div; Bottom trace: Vin, 10V/div
Figure 12: Turn on delay time at Remote On/Off, 5.0V/5A out
(5mS/div).
Top trace: Vout, 5V/div; Bottom trace: On/Off, 2V/div.


Similar Part No. - DNT12S0A0S05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0S05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT04SMD03 DELTA-DNT04SMD03 Datasheet
672Kb / 13P
   Resistor-based trim
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com