Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0R05NFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DNT12S0A0R05NFA
Description  No minimum load required
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0R05NFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DNT12S0A0R05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 9Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 10Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 11Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS_DNT12SMD03_07182012
9
THERMAL CONSIDERATIONS
Thermal management is an important part of the
system design. To ensure proper, reliable operation,
sufficient cooling of the power module is needed over
the entire temperature range of the module. Convection
cooling is usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in
which the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The height of this fan duct is constantly
kept at 25.4mm (1
’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit
may be affected.
AIR FLOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 27: Wind tunnel test setup
THERMAL CURVES
Figure 28: Temperature measurement location
The allowed maximum hot spot temperature is defined at 125
.
DNT12S0A0S03(standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 12V,Vo=0.75V~5V (Either Orientation)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
30
35
40
45
50
55
60
65
70
75
80
85
Natural
Convection
Ambient Temperature (℃)
Output Current (A)
Figure 29:Output current vs. ambient temperature and air
velocity@ Vin=12V, Vo=0.75V ~5.0V (Either Orientation)


Similar Part No. - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
NC40 DELTA-NC40 Datasheet
993Kb / 14P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
SynQor Worldwide Headqu...
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
   110 W convection cooled, No minimum load required
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com