Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0R05NFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # DNT12S0A0R05NFA
Description  Pre-bias startup
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0R05NFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button DNT12S0A0R05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 9Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 10Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 11Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 12Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DS_DNT12SIP05_08292013
11
PICK AND PLACE LOCATION
SURFACE- MOUNT TAPE & REEL
LEAD (Sn/Pb) PROCESS RECOMMEND TEMP. PROFILE
LEAD FREE (SAC) PROCESS RECOMMEND TEMP. PROFILE
Temp.
Time
150℃
200℃
90~120 sec.
Time Limited 75 sec.
above 220℃
220℃
Preheat time
Ramp up
max. 3℃ /sec.
Ramp down
max. 4℃ /sec.
Peak Temp. 240 ~ 245 ℃
25℃
Note: All temperature refers to assembly application board, measured on the land of assembly application board.


Similar Part No. - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
logo
Texas Instruments
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
IPM12S0A0R DELTA-IPM12S0A0R Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
logo
STMicroelectronics
L5988D STMICROELECTRONICS-L5988D Datasheet
1Mb / 52P
   Pre-bias start up capability
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com