Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0S03NFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNT12S0A0S03NFA
Description  Pre-bias startup
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0S03NFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNT12S0A0S03NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0S03NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
-
DATASHEET
DS_DNT12SIP05_08292013
FEATURES
High Efficiency: 92% @ 12Vin, 5V/5A out
Small size and low profile:
0.80” x 0.45” x 0.27” (SMD)
0.90” x 0.40” x 0.25” (SIP)
Standard footprint and pinout
Resistor-based trim
Output voltage programmable from
0.75Vdc to 5.0Vdc via external resistors
Pre-bias startup
No minimum load required
Fixed frequency operation
Input UVLO, OCP
Remote ON/OFF
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada) Recognized
APPLICATIONS
Telecom/DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
OPTIONS
Negative on/off logic
SMD package
Delphi series DNT12 Non-Isolated Point of Load
DC/DC Power Modules: 8.3~14Vin, 0.75~5.0Vo, 5A
The Delphi series DNT12, 8.3V~14V input, 5A single output, non-isolated
point of load DC/DC converters are the latest offering from a world leader
in power systems technology and manufacturing
— Delta Electronics, Inc.
The DNT12, 5A series provides a programmable output voltage from
0.75V to 5V using external resistors. This product family is available in a
surface mount or SIP package and provides up to 5A of current in an
industry standard footprint and pinout. With creative design technology
and optimization of component placement, these converters possess
outstanding electrical and thermal performance and extremely high
reliability under highly stressful operating conditions. The DNT12, 5A SIP
modules have excellent thermal performance and can provide full output
current with little air flow.


Similar Part No. - DNT12S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
623Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
More results

Similar Description - DNT12S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
logo
Texas Instruments
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
IPM12S0A0R DELTA-IPM12S0A0R Datasheet
746Kb / 15P
   Monotonic startup into normal and pre-biased loads
logo
STMicroelectronics
L5988D STMICROELECTRONICS-L5988D Datasheet
1Mb / 52P
   Pre-bias start up capability
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com